Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 57Page - National Semiconductor (TI) GXM Datasheet HTML 58Page - National Semiconductor (TI) GXM Datasheet HTML 59Page - National Semiconductor (TI) GXM Datasheet HTML 60Page - National Semiconductor (TI) GXM Datasheet HTML 61Page - National Semiconductor (TI) GXM Datasheet HTML 62Page - National Semiconductor (TI) GXM Datasheet HTML 63Page - National Semiconductor (TI) GXM Datasheet HTML 64Page - National Semiconductor (TI) GXM Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 244 page
background image
Revision 3.1
61
www.national.com
Processor Programming (Continued)
3.5
OFFSET, SEGMENT, AND PAGING MECHANISMS
The mapping of address space into a sequence of mem-
ory locations (often cached) is performed by the offset,
segment and paging mechanisms.
In general, the offset, segment and paging mechanisms
work in tandem as shown below:
instruction offset
 offset mechanism  offset address
offset address
 segment mechanism  linear address
linear address
paging mechanism physical page.
As will be explained, the actual operations depend on sev-
eral factors such as the current operating mode and if
paging is enabled. Note: the paging mechanism uses part
of the linear address as an offset on the physical page.
3.6
OFFSET MECHANISM
In all operating modes, the offset mechanism computes
an offset (effective) address by adding together up to
three values: a base, an index and a displacement. The
base, if present, is the value in one of eight general regis-
ters at the time of the execution of the instruction. The
index, like the base, is a value that is contained in one of
the general registers (except the ESP register) when the
instruction is executed. The index differs from the base in
that the index is first multiplied by a scale factor of 1, 2, 4
or 8 before the summation is made. The third component
added to the memory address calculation is the displace-
ment that is a value supplied as part of the instruction.
Figure 3-3 illustrates the calculation of the offset address.
Nine valid combinations of the base, index, scale factor
and displacement can be used with the CPU instruction
set. These combinations are listed in Table 3-19 on page
61. The base and index both refer to contents of a register
as indicated by [Base] and [Index].
In real mode operation, the CPU only addresses the low-
est 1 MB of memory and the offset contains 16-bits. In
protective mode the offset contains 32 bits. Initialization
and transition to protective mode is described in Section
3.13.4 “Initialization and Transition to Protected Mode” on
page 87.
Figure 3-3. Offset Address Calculation
Table 3-19. Memory Addressing Modes
Index
Base
Displacement
Scaling
x1, x2, x4, x8
Offset Address
(Effective Address)
+
Addressing Mode
Base
Index
Scale
Factor
(SF)
Displacement
(DP)
Offset Address (OA)
Calculation
Direct
x
OA = DP
Register Indirect
x
OA = [BASE]
Based
x
x
OA = [BASE] + DP
Index
x
x
OA = [INDEX] + DP
Scaled Index
x
x
x
OA = ([INDEX] * SF) + DP
Based Index
x
x
OA = [BASE] + [INDEX]
Based Scaled Index
x
x
x
OA = [BASE] + ([INDEX] * SF)
Based Index with
Displacement
x
x
x
OA = [BASE] + [INDEX] + DP
Based Scaled Index with
Displacement
x
x
x
x
OA = [BASE] + ([INDEX] * SF) + DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com