Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 88Page - National Semiconductor (TI) GXM Datasheet HTML 89Page - National Semiconductor (TI) GXM Datasheet HTML 90Page - National Semiconductor (TI) GXM Datasheet HTML 91Page - National Semiconductor (TI) GXM Datasheet HTML 92Page - National Semiconductor (TI) GXM Datasheet HTML 93Page - National Semiconductor (TI) GXM Datasheet HTML 94Page - National Semiconductor (TI) GXM Datasheet HTML 95Page - National Semiconductor (TI) GXM Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 244 page
background image
www.national.com
92
Revision 3.1
Integrated Functions (Continued)
4.1
INTEGRATED FUNCTIONS PROGRAMMING INTERFACE
The GXm processor performs mapping for the dedicated
cache, graphics pipeline, display controller, memory con-
troller, and graphics memory, including the frame buffer. It
maps these to high memory addresses or GXm processor
memory space. The base address for these is controlled
by the Graphics Configuration Register (GCR, Index B8h),
which specifies address bits [31:30] in physical memory.
Figure 4-2 on page 93 shows the address map for the
GXm processor. When accessing the GXm processor
memory space, address bits [29:24] must be zero. This
allows the GXm processor a linear address space with a
total of 16 MB. Address bit 23 divides this space into 8 MB
for control (bit 23 = 0) and 8 MB for graphics memory (bit
23 = 1). In control space, bits [22:16] are not decoded, so
the programmer should set them to zero. Address bit 15
divides the remaining 64 KB address space into scratch-
pad RAM and PCI access (bit 15 = 0) and control regis-
ters (bit 15 = 1).
Device drivers must be responsible for performing physi-
cal-to-virtual memory-address translation, including allo-
cation of selectors that point to the GXm processor. The
processor may be accessed in protected mode by creat-
ing a selector with the physical address shown in Table 4-
1, and a limit of 16 MB. A selector with a 64 KB limit is
large enough to access all of the GXm processor’s regis-
ters and scratchpad RAM.
4.1.1
Graphics Control Register
The GXm processor incorporates graphics functions that
require registers to implement and control them. Most of
these registers are memory mapped and physically
located in the logical units they control. The mapping of
these units is controlled by this configuration register. The
Graphics Control Register (GCR, Index B8h) is I/O-
mapped because it must be accessed before memory
mapping can be enabled. Refer to Section 3.3.2.2 “Con-
figuration Registers” on page 47 for information on how to
access this register.
Table 4-1. GCR Register
Bit
Name
Description
Index B8h
GCR Register (R/W)
Default Value = 00h
7:4
RSVD
Reserved: Set to 0.
3:2
SP
Scratchpad Size: Specifies the size of the scratchpad cache.
00 = 0 KB
01 = 2 KB
10 = 3 KB
11 = 4 KB
1:0
GX
GXm Base Address: Specifies the physical address for the base (GX_BASE) of the scratchpad RAM, the
graphics memory (frame buffer, compression buffer, etc.) and the other memory mapped registers.
00 = Scratchpad RAM, Graphics Subsystem, and memory-mapped configuration registers are disabled.
01 = Scratchpad RAM and control registers start at GX_BASE = 40000000h.
10 = Scratchpad RAM and control registers start at GX_BASE = 80000000h.
11 = Scratchpad RAM and control registers start at GX_BASE = C0000000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com