Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 45Page - National Semiconductor (TI) GXM Datasheet HTML 46Page - National Semiconductor (TI) GXM Datasheet HTML 47Page - National Semiconductor (TI) GXM Datasheet HTML 48Page - National Semiconductor (TI) GXM Datasheet HTML 49Page - National Semiconductor (TI) GXM Datasheet HTML 50Page - National Semiconductor (TI) GXM Datasheet HTML 51Page - National Semiconductor (TI) GXM Datasheet HTML 52Page - National Semiconductor (TI) GXM Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 244 page
background image
Revision 3.1
49
www.national.com
Processor Programming (Continued)
Table 3-11. Configuration Registers
Bit
Name
Description
Index C1h
CCR1 — Configuration Control Register 1 (R/W)
Default Value = 00h
7:3
RSVD
Reserved:Set to 0.
2:1
SMAC
System Management Memory Access:
If = 00: SMM is disabled.
If = 01: SMI# pin is active to enter SMM. SMINT instruction is inactive.
If = 10: SMM is disabled.
If = 11: SMINT instruction is active to enter SMM. SMI# pin is inactive.
Note: SMI_LOCK (CCR3[0]) must = 0, or the CPU must be in SMI mode, to write this bit.
0RSVD
Reserved:Set to 0.
Note: Bits 1 and 2 are cleared to zero at reset.
Index C2h
CCR2 — Configuration Control Register 2 (R/W)
Default Value = 00h
7USE_SUSP
Enable Suspend Pins:
If = 1: SUSP# input and SUSPA# output are enabled.
If = 0: SUSP# input is ignored.
6RSVD
Reserved: This is a test bit that must be set to 0.
5RSVD
Reserved:Set to 0.
4WT1
Write-Through Region 1:
If = 1: Forces all writes to the address region between 640 KB to 1 MB that hit in the on-chip cache
to be issued on the external bus.
3
SUSP_HLT
Suspend on HALT:
If = 1: CPU enters suspend mode following execution of a HALT instruction.
2LOCK_NW
Lock NW Bit:
If = 1: Prohibits changing the state of the NW bit (CR0[29]) (refer to Table 3-7 on page 45).
Set to 1 after setting NW.
1:0
RSVD
Reserved: Set to 0.
Note: All bits are cleared to zero at reset.
Index C3h
CCR3 — Configuration Control Register 3 (R/W)
Default Value = 00h
7
LSS_34
Load/StoreSerialize 3GB to 4 GB:
If = 1: Strong R/W ordering imposed in address range C0000000h to FFFFFFFFh:
6
LSS_23
Load/StoreSerialize 2GB to 3 GB:
If = 1: Strong R/W ordering imposed in address range 80000000h to BFFFFFFFh:
5
LSS_12
Load/StoreSerialize 1GB to 2 GB:
If = 1: Strong R/W ordering imposed in address range 40000000h to 7FFFFFFFh
4
MAPEN
Map Enable:
If = 1: All configuration registers are accessible. All accesses to Port 22h are trapped.
If = 0: Only configuration registers Index C1h through CFh, FEh, FFh (CCRn, SMAR, DIRn) are
accessible. Other configuration registers (including PCR, SMHRn, GCR, VGACTL, VGAM0) are not
accessible.
3
SUSP_SMM_EN
Enable Suspend in SMM Mode:
0 = SUSP# ignored in SMM mode.
1 = SUSP# recognized in SMM mode.
2RSVD
Reserved: Set to 0.
1NMI_EN
NMI Enable:
If = 1: NMI is enabled during SMM.
If = 0: NMI is not recognized during SMM.
Note: SMI_LOCK (CCR3[0]) must = 0 or the CPU must be in SMI mode to write to this bit.
0
SMI_LOCK
SMM Register Lock:
If = 1: SMM Address Region Register (SMAR[31:0]), SMAC (CCR1[2]), USE_SMI (CCR1[1])
cannot be modified unless in SMM routine. Once set, SMI_LOCK can only be cleared by asserting
the RESET pin.
Note: All bits are cleared to zero at reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com