Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 36Page - National Semiconductor (TI) GXM Datasheet HTML 37Page - National Semiconductor (TI) GXM Datasheet HTML 38Page - National Semiconductor (TI) GXM Datasheet HTML 39Page - National Semiconductor (TI) GXM Datasheet HTML 40Page - National Semiconductor (TI) GXM Datasheet HTML 41Page - National Semiconductor (TI) GXM Datasheet HTML 42Page - National Semiconductor (TI) GXM Datasheet HTML 43Page - National Semiconductor (TI) GXM Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 244 page
background image
www.national.com
40
Revision 3.1
Processor Programming (Continued)
3.3
REGISTER SETS
The accessible registers in the processor are grouped into
three sets:
1)
The Application Register Set contains the registers
frequently used by application programmers. Table 3-
2 shows the general purpose, segment, the instruc-
tion pointer and the EFLAGS Registers.
2)
The System Register Set contains the registers typi-
cally reserved for operating-systems programmers:
control, system address, debug, configuration, and
test registers.
3)
The Model Specific Register (MSR) Set is used to
monitor the performance of the processor or a
specific component within the processor. The model
specific register set has one 64-bit register called the
Time Stamp Counter.
Each of these register sets are discussed in detail in the
subsections that follow. Additional registers to support
integrated GXm processor subsystems are described in
Section 4.1 “Integrated Functions Programming Interface”
on page 92.
3.3.1
Application Register Set
The Application Register Set consists of the registers most
often used by the applications programmer. These regis-
ters are generally accessible, although some bits in the
EFLAGS register are protected.
The General Purpose Register contents are frequently
modified by instructions and typically contain arithmetic
and logical instruction operands.
In real mode, Segment Registers contain the base
address for each segment. In protected mode, the seg-
ment registers contain segment selectors. The segment
selectors provide indexing for tables (located in memory)
that contain the base address for each segment, as well
as other memory addressing information.
The Instruction Pointer Register points to the next
instruction that the processor will execute. This register is
automatically incremented by the processor as execution
progresses.
The EFLAGS Register contains control bits used to
reflect the status of previously executed instructions. This
register also contains control bits that affect the operation
of some instructions.
3.3.1.1
General Purpose Registers
The General Purpose Registers are divided into four data
registers, two pointer registers, and two index registers as
shown in Table 3-2.
The Data Registers are used by the applications pro-
grammer to manipulate data structures and to hold the
results of logical and arithmetic operations. Different por-
tions of general data registers can be addressed by using
different names.
An “E” prefix identifies the complete 32-bit register. An “X”
suffix without the “E” prefix identifies the lower 16 bits of
the register.
The lower two bytes of a data register are addressed with
an “H” suffix (identifies the upper byte) or an “L” suffix (iden-
tifies the lower byte). These _L and _H portions of the
data registers act as independent registers. For example,
if the AH register is written to by an instruction, the AL reg-
ister bits remain unchanged.
The Pointer and Index Registers are listed below.
SI or ESI
Source Index
DI or EDI
Destination Index
SP or ESP
Stack Pointer
BP or EBP
Base Pointer
These registers can be addressed as 16- or 32-bit registers,
with the “E” prefix indicating 32 bits. The pointer and index
registers can be used as general purpose registers; how-
ever, some instructions use a fixed assignment of these
registers. For example, repeated string operations always
use ESI as the source pointer, EDI as the destination
pointer, and ECX as a counter. The instructions that use
fixed registers include multiply and divide, I/O access,
string operations, stack operations, loop, variable shift and
rotate, and translate instructions.
The GXm processor implements a stack using the ESP
register. This stack is accessed during the PUSH and
POP instructions, procedure calls, procedure returns,
interrupts, exceptions, and interrupt/exception returns.
The GXm processor automatically adjusts the value of the
ESP during operations that result from these instructions.
The EBP register may be used to refer to data passed on
the stack during procedure calls. Local data may also be
placed on the stack and accessed with BP. This register
provides a mechanism to access tack data in high-level
languages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com