Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 77Page - National Semiconductor (TI) GXM Datasheet HTML 78Page - National Semiconductor (TI) GXM Datasheet HTML 79Page - National Semiconductor (TI) GXM Datasheet HTML 80Page - National Semiconductor (TI) GXM Datasheet HTML 81Page - National Semiconductor (TI) GXM Datasheet HTML 82Page - National Semiconductor (TI) GXM Datasheet HTML 83Page - National Semiconductor (TI) GXM Datasheet HTML 84Page - National Semiconductor (TI) GXM Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 244 page
background image
Revision 3.1
81
www.national.com
Processor Programming (Continued)
Table 3-36. SMM Memory Space Header Description
Name
Description
Size
DR7
Debug Register 7: The contents of Debug Register 7.
4 Bytes
EFLAGS
Extended FLAGS Register: The contents of Extended FLAGS Register.
4 Bytes
CR0
Control Register 0: The contents of Control Register 0.
4 Bytes
Current IP
Current Instruction Pointer: The address of the instruction executed prior to servicing SMM
interrupt.
4Bytes
Next IP
Next Instruction Pointer: The address of the next instruction that will be executed after exiting
SMM.
4Bytes
CS Selector
Code Segment Selector: Code segment register selector for the current code segment.
2 Bytes
CS Descriptor
Code Segment Descriptor: Encoded descriptor bits for the current code segment.
8 Bytes
N
Nested SMI Status: Flag that determines whether an SMI occurred during SMM (i.e., nested)
1 Bit
V
SoftVGA SMI Status: SMI was generated by an access to VGA region.
1 Bit
X
External SMI Status:
If = 1: SMI generated by external SMI# pin
If = 0: SMI internally generated by Internal Bus Interface Unit.
1Bit
M
Memory or I/O Access: 0 = I/O access; 1 = Memory access.
1 Bit
H
Halt Status: Indicates that the processor was in a halt or shutdown prior to servicing the SMM
interrupt.
1Bit
S
Software SMM Entry Indicator:
If = 1: Current SMM is the result of an SMINT instruction.
If = 0: Current SMM is not the result of an SMINT instruction.
1Bit
P
REP INSx/OUTSx Indicator:
If = 1: Current instruction has a REP prefix.
If = 0: Current instruction does not have a REP prefix.
1Bit
I
IN, INSx, OUT, or OUTSx Indicator:
If = 1: Current instruction performed is an I/O WRITE.
If = 0: Current instruction performed is an I/O READ.
1Bit
C
CS Writable: Code Segment Writable
If = 1: CS is writable
If = 0: CS is not writable
1Bit
I/O Data Size
Indicates size of data for the trapped I/O cycle:
01h = byte
03h = word
0Fh = DWORD
2Bytes
I/O Address
Processor port used for the trapped I/O cycle.
2Bytes
I/O or Memory Data
Data associated with the trapped I/O or memory cycleS.
4Bytes
Restored ESI or EDI
Restored ESI or EDI Value: Used when it is necessary to repeat a REP OUTSx or REP INSx
instruction when one of the I/O cycles caused an SMI# trap.
4Bytes
Memory Address
Physical address of the operation that caused the SMI.
4Bytes
Note: INSx = INS, INSB, INSW or INSD instruction.
OUTSx = OUTS, OUTSB, OUTSW and OUTSD instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com