Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 51Page - National Semiconductor (TI) GXM Datasheet HTML 52Page - National Semiconductor (TI) GXM Datasheet HTML 53Page - National Semiconductor (TI) GXM Datasheet HTML 54Page - National Semiconductor (TI) GXM Datasheet HTML 55Page - National Semiconductor (TI) GXM Datasheet HTML 56Page - National Semiconductor (TI) GXM Datasheet HTML 57Page - National Semiconductor (TI) GXM Datasheet HTML 58Page - National Semiconductor (TI) GXM Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 244 page
background image
Revision 3.1
55
www.national.com
Processor Programming (Continued)
Table 3-15. TR7-TR6 Bit Definitions
Bit
Name
Description
TR7 Register
TLB Test Data Register (R/W)
31:12
Physical
Address
Physical Address:
TLB lookup: Data field from the TLB.
TLB write: Data field written into the TLB.
11:10
RSVD
Reserved: Set to 0.
9:7
TLB LRU
LRU Bits:
TLB lookup: LRU bits associated with the TLB entry before the TLB lookup.
TLB write: Ignored.
4PL
PL Bit:
TLB lookup: If PL = 1, read hit occurred. If PL = 0, read miss occurred.
TLB write: If PL = 1, REP field is used to select the set. If PL = 0, the pseudo-LRU replacement algorithm
is used to select the set.
3:2
REP
Set Selection:
TLB lookup: If PL = 1, this field indicates the set in which the tag was found. If PL = 0, undefined data.
TLB write: If PL = 1, this field selects one of the four sets for replacement. If PL = 0, ignored.
1:0
RSVD
Reserved: Set to 0.
TR6 Register
TLB Test Control Register (R/W)
31:12
Linear
Address
Linear Address:
TLB lookup: The TLB is interrogated per this address. If one and only one match occurs in the TLB, the
rest of the fields in TR6 and TR7 are updated per the matching TLB entry.
TLB write: A TLB entry is allocated to this linear address.
11
V
Valid Bit:
TLB write: If V = 1, the TLB entry contains valid data. If V = 0, target entry is invalidated.
10:9
8:7
6:5
D, D#
U, U#
R, R#
Dirty Attribute Bit and its Complement (D, D#)
User/Supervisor Attribute Bit and its Complement (U, U#)
Read/Write Attribute Bit and its Complement (R, R#)
Effect on TLB Lookup
Effect on TLB Write
00 =
Do not match
Undefined
01 =
Match if D, U, or R bit is a 0
Clear the bit
10 =
Match if D, U, or R bit is a 1
Set the bit
11 =
Match if D, U, or R bit is either a 1 or 0
Undefined
4:1
RSVD
Reserved: Set to 0.
0C
Command Bit:
If C = 1: TLB lookup.
If C = 0: TLB write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com