Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 93Page - National Semiconductor (TI) GXM Datasheet HTML 94Page - National Semiconductor (TI) GXM Datasheet HTML 95Page - National Semiconductor (TI) GXM Datasheet HTML 96Page - National Semiconductor (TI) GXM Datasheet HTML 97Page - National Semiconductor (TI) GXM Datasheet HTML 98Page - National Semiconductor (TI) GXM Datasheet HTML 99Page - National Semiconductor (TI) GXM Datasheet HTML 100Page - National Semiconductor (TI) GXM Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 244 page
background image
Revision 3.1
97
www.national.com
Integrated Functions (Continued)
4.1.4.1
Scratchpad Memory
The scratchpad RAM is a dedicated high-speed memory
cache that contains BLT buffers, SMM header, and a
scratchpad area for display drivers. It provides both L1
cache performance and a dedicated resource that cannot
be thrown out by other system activity. The configuration
of the scratchpad is based on graphics resolution and is
described in Table 4-5.
The scratchpad memory is part of the on-chip L1 cache
memory. The memory size is controlled by bits in the GCR
register (Index B8h). The scratchpad memory can be dis-
abled, or sized to 2 KB, 3 KB, or 4 KB. The remaining L1
cachesizeis16 KBminus thescratchpadsize, andall of
the scratchpad area is subtracted from a single way.
The scratchpad memory is used by display drivers and
virtualization software. Because this resource must be
tightly controlled to avoid conflicts, application software
and third-party drivers should avoid accesses to the
scratchpad area.
The display driver creates and manages two BLT buffers
from within the scratchpad area. These BLT buffers are
used to transfer source data from system memory into the
frame buffer, or for destination data from system memory
or the frame buffer. The graphics pipeline accesses the
BLT buffers for many common operations, including Bit-
BLT transfers, output primitives, and raster text. Display
drivers also use a small portion of the scratchpad as an
extended register file, since scratchpad read and write
accesses are very fast compared to normal memory oper-
ations.
The virtualization software uses the scratchpad area to
store critical SMM information, including the SMI header
and SMM system state. No SMM code currently resides in
the scratchpad area, although this is an option for future
products.
When the BLT buffer pointer is used (refer to Table 4-8 on
page 99) addresses outside the scratchpad range will
wrap around back into the scratchpad RAM. Table 4-5
shows the allocation of scratchpad memory for the 2 KB
and 3 KB configurations of the scratchpad. The 2 KB con-
figuration uses GX_BASE+0800h to GX_BASE+1000h.
The 3 KB configuration uses GX_BASE+0400h to
GX_BASE+1000h. These configurations are fixed by the
system BIOS during boot and cannot be changed without
rebooting the system.
Table 4-5. Scratchpad Organization
2 KB Configuration
3 KB Configuration
Description
Offset
Size
Offset
Size
GX_BASE + 0EE0h
288 bytes
GX_BASE + 0EE0h
288 bytes
SMM scratchpad
GX_BASE + 0E60h
128 bytes
GX_BASE + 0E60h
128 bytes
Driver scratchpad
GX_BASE + 0B30h
816 bytes
GX_BASE + 0930h
1328 bytes
BLT Buffer 0
GX_BASE + 0800h
816 bytes
GX_BASE + 0400h
1328 bytes
BLT Buffer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com