Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 66Page - National Semiconductor (TI) GXM Datasheet HTML 67Page - National Semiconductor (TI) GXM Datasheet HTML 68Page - National Semiconductor (TI) GXM Datasheet HTML 69Page - National Semiconductor (TI) GXM Datasheet HTML 70Page - National Semiconductor (TI) GXM Datasheet HTML 71Page - National Semiconductor (TI) GXM Datasheet HTML 72Page - National Semiconductor (TI) GXM Datasheet HTML 73Page - National Semiconductor (TI) GXM Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 244 page
background image
www.national.com
70
Revision 3.1
Processor Programming (Continued)
3.8
MULTITASKING AND TASK STATE SEGMENTS
The CPU enables rapid task switching using JMP and
CALL instructions that refer to Task State Segments
(TSS).During a switch,the complete task stateofthe cur-
rent task is stored in its TSS, and the task state of the
requested task is loaded from its TSS. The TSSs are
defined through special segment descriptors and gates.
The Task Register (TR) holds 16-bit descriptors that con-
tain the base address and segment limit for each task
state segment. The TR is loaded and stored via the LTR
and STR instructions, respectively. The TR can only be
accessed only during protected mode and can be loaded
when the privilege level is 0 (most privileged). When the
TR is loaded, the TR selector field indexes a TSS descrip-
tor that must reside in the Global Descriptor Table (GDT).
Only the 16-bit selector of a TSS descriptor in the TR is
accessible. The BASE, TSS LIMT and ACCESS RIGHT
fields are program invisible.
During task switching, the processor saves the current
CPU state in the TSS before starting a new task. The TSS
can be either a 386/486-type 32-bit TSS (see Table 3-26) or a
286-type 16-bit TSS (see Table 3-27 on page 71).
Task Gate Descriptors. A task gate descriptor provides
controlled access to the descriptor for a task switch. The
DPL of the task gate is used to control access. The selec-
tor’s RPL and the CPL of the procedure must be a higher
level (numerically less) than the DPL of the descriptor.
The RPL in the task gate is not used.
The I/O MapBaseAddress fieldinthe 32-bit TSSpoints
to an I/O permission bit map that often follows the TSS at
location +68h.
Table 3-26. 32-Bit Task State Segment (TSS) Table
31
16 15
0
I/O Map Base Address
000000
000000000
T
+64h
0000
000000000
000
Selector for Task’s LDT
+60h
0000
000000000
000
GS
+5Ch
0000
000000000
000
FS
+58h
0000
000000000
000
DS
+54h
0000
000000000
000
SS
+50h
0000
000000000
000
CS
+4Ch
0000
000000000
000
ES
+48h
EDI
+44h
ESI
+40h
EBP
+3Ch
ESP
+38h
EBX
+34h
EDX
+30h
ECX
+2Ch
EAX
+28h
EFLAGS
+24h
EIP
+20h
CR3
+1Ch
0000
000000000
000
SS for CPL = 2
+18h
ESP for CPL = 2
+14h
0000
000000000
000
SS for CPL = 1
+10h
ESP for CPL = 1
+Ch
0000
000000000
000
SS for CPL = 0
+8h
ESP for CPL = 0
+4h
0000
000000000
000
Back Link (Old TSS Selector)
+0h
Note: 0= Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com