Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 72Page - National Semiconductor (TI) GXM Datasheet HTML 73Page - National Semiconductor (TI) GXM Datasheet HTML 74Page - National Semiconductor (TI) GXM Datasheet HTML 75Page - National Semiconductor (TI) GXM Datasheet HTML 76Page - National Semiconductor (TI) GXM Datasheet HTML 77Page - National Semiconductor (TI) GXM Datasheet HTML 78Page - National Semiconductor (TI) GXM Datasheet HTML 79Page - National Semiconductor (TI) GXM Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 244 page
background image
www.national.com
76
Revision 3.1
Processor Programming (Continued)
3.10.4 Interrupt and Exception Priorities
As the CPU executes instructions, it follows a consistent
policy for prioritizing exceptions and hardware interrupts.
The priorities for competing interrupts and exceptions are
listed in Table 3-30. SMM interrupts always take prece-
dence. Debug traps for the previous instruction and next
instructions are handled as the next priority. When NMI
and maskable INTR interrupts are both detected at the
same instruction boundary, the GXm processor services
the NMI interrupt first.
The CPU checks for exceptions in parallel with instruction
decoding and execution. Several exceptions can result
from a single instruction. However, only one exception is
generated upon each attempt to execute the instruction.
Each exception service routine should make the appropri-
ate corrections to the instruction and then restart the
instruction. In this way, exceptions can be serviced until
the instruction executes properly.
The CPU supports instruction restart after all faults,
except when an instruction causes a task switch to a task
whose task state segment (TSS) is partially not present. A
TSS can be partially not present if the TSS is not page
aligned and one of the pages where the TSS resides is
not currently in memory.
Table 3-30. Interrupt and Exception Priorities
Priority
Description
Notes
0
Warm Reset.
Caused by the assertion of WM_RST.
1
SMM hardware interrupt.
SMM interrupts are caused by SMI# asserted and always have
highest priority.
2
Debug traps and faults from previous instruction.
Includes single-step trap and data breakpoints specified in the
debug registers.
3
Debug traps for next instruction.
Includes instruction execution breakpoints specified in the debug
registers.
4
Non-maskable hardware interrupt.
Caused by NMI asserted.
5
Maskable hardware interrupt.
Caused by INTR asserted and IF = 1.
6
Faults resulting from fetching the next instruction.
Includes segment not present, general protection fault and page
fault.
7
Faults resulting from instruction decoding.
Includes illegal opcode, instruction too long, or privilege violation.
8
WAIT instruction and TS = 1 and MP = 1.
Device not available exception generated.
9
ESC instruction and EM = 1 or TS = 1.
Device not available exception generated.
10
Floating point error exception.
Caused by unmasked floating point exception with NE = 1.
11
Segmentation faults (for each memory reference
required by the instruction) that prevent transferring
the entire memory operand.
Includes segment not present, stack fault, and general protection
fault.
12
Page Faults that prevent transferring the entire
memory operand.
13
Alignment check fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com