Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 84Page - National Semiconductor (TI) GXM Datasheet HTML 85Page - National Semiconductor (TI) GXM Datasheet HTML 86Page - National Semiconductor (TI) GXM Datasheet HTML 87Page - National Semiconductor (TI) GXM Datasheet HTML 88Page - National Semiconductor (TI) GXM Datasheet HTML 89Page - National Semiconductor (TI) GXM Datasheet HTML 90Page - National Semiconductor (TI) GXM Datasheet HTML 91Page - National Semiconductor (TI) GXM Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 244 page
background image
www.national.com
88
Revision 3.1
Processor Programming (Continued)
3.14 VIRTUAL 8086 MODE
Both real mode and virtual 8086 (V86) modes are sup-
ported by the GXm processor, allowing execution of 8086
application programs and 8086 operating systems. V86
mode allows the execution of 8086-type applications, yet
still permits use of the paging and protection mechanisms.
V86 tasks run at privilege level 3. Before entry, all seg-
ment limits must be set to FFFFh (64K) as in real mode.
3.14.1 Memory Addressing
While in V86 mode, segment registers are used in an
identical fashion to real mode. The contents of the Seg-
ment register are multiplied by 16 and added to the offset
to form the Segment Base Linear Address. The GXm pro-
cessor permits the operating system to select which pro-
grams use the V86 address mechanism and which
programs use protected mode addressing for each task.
The GXm processor also permits the use of paging when
operating in V86 mode. Using paging, the 1 MB address
space of the V86 task can be mapped to any region in the
4 GB linear address space.
The paging hardware allows multiple V86 tasks to run
concurrently, and provides protection and operating sys-
tem isolation. The paging hardware must be enabled to
run multiple V86 tasks or to relocate the address space of
a V86 task to physical address space other than 0.
3.14.2 Protection
All V86 tasks operate with the least amount of privilege
(level 3) and are subject to all CPU protected mode protec-
tion checks. As aresult, any attempttoexecuteaprivi-
leged instruction within a V86 task results in a general
protection fault.
In V86 mode, a slightly different set of instructions are
sensitive to the I/O privilege level (IOPL) than in protected
mode. These instructions are: CLI, INT n, IRET, POPF,
PUSHF, and STI. The INT3, INTO and BOUND variations
of the INT instruction are not IOPL sensitive.
3.14.3 Interrupt Handling
To fully support the emulation of an 8086-type machine,
interrupts in V86 mode are handled as follows. When an
interrupt or exception is serviced in V86 mode, program
execution transfers to the interrupt service routine at privi-
lege level 0 (i.e., transition from V86 to protected mode
occurs). The VM bit in the EFLAGS register (bit 17) is
cleared. The protected mode interrupt service routine
then determines if the interrupt came from a protected
mode or V86 application by examining the VM bit in the
EFLAGS image stored on the stack. The interrupt service
routine may then choose to allow the 8086 operating sys-
tem to handle the interrupt or may emulate the function of
the interrupt handler. Following completion of the interrupt
service routine, an IRET instruction restores the EFLAGS
register (restores VM = 1) and segment selectors and
control returns to the interrupted V86 task.
3.14.4 Entering and Leaving Virtual 8086 Mode
V86 mode is entered from protected mode by either exe-
cuting an IRET instruction at CPL = 0 or by task switching.
If an IRET is used, the stack must contain an EFLAGS
image with VM = 1. If a task switch is used, the TSS must
contain an EFLAGS image containing a 1 in the VM bit
position. The POPF instruction cannot be used to enter
V86 mode since the state of the VM bit is not affected.
V86 mode can only be exited as the result of an interrupt
or exception. The transition out must use a 32-bit trap or
interrupt gate that must point to a non-conforming privi-
lege level 0 segment (DPL = 0), or a 32-bit TSS. These
restrictions are required to permit the trap handler to IRET
back to the V86 program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com