Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 41Page - National Semiconductor (TI) GXM Datasheet HTML 42Page - National Semiconductor (TI) GXM Datasheet HTML 43Page - National Semiconductor (TI) GXM Datasheet HTML 44Page - National Semiconductor (TI) GXM Datasheet HTML 45Page - National Semiconductor (TI) GXM Datasheet HTML 46Page - National Semiconductor (TI) GXM Datasheet HTML 47Page - National Semiconductor (TI) GXM Datasheet HTML 48Page - National Semiconductor (TI) GXM Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 244 page
background image
Revision 3.1
45
www.national.com
Processor Programming (Continued)
3.3.2.1
Control Registers
A map of the Control Registers (CR0, CR2, CR3, and
CR4) is shown in Table 3-6 and the bit definitions are given
in Table 3-7. (These registers should not be confused with
the CRRn registers.) The CR0 register contains system
control bits which configure operating modes and indicate
the general state of the CPU. The lower 16 bits of CR0 are
referred to as the Machine Status Word (MSW).
When operating in real mode, any program can read and
write the control registers. In protected mode, however,
only privilege level 0 (most-privileged) programs can read
and write these registers.
Table 3-6. Control Registers Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8765
43210
CR4 Register
Control Register 4 (R/W)
RSVD
T
S
C
RSVD
CR3 Register
Control Register 3 (R/W)
PDBR (Page Directory Base Register)
RSVD
0
0
RSVD
CR2 Register
Control Register 2 (R/W)
PFLA (Page Fault Linear Address)
CR1 Register
Control Register 1 (R/W)
RSVD
CR0 Register
Control Register 0 (R/W)
P
G
C
D
N
W
RSVD
A
M
R
S
V
D
W
P
RSVD
N
E
R
S
V
D
T
S
E
M
M
P
P
E
Machine Status Word (MSW)
Table 3-7. CR4-CR0 Bit Definitions
Bit
Name
Description
CR4 Register
Control Register 4 (R/W)
31:3
RSVD
Reserved: Set to 0 (always returns 0 when read).
2TSC
Time Stamp Counter Instruction:
If = 1 RDTSC instruction enabled for CPL = 0 only; reset state.
If = 0 RDTSC instruction enabled for all CPL states.
1:0
RSVD
Reserved: Set to 0 (always returns 0 when read).
CR3 Register
Control Register 3 (R/W)
31:12
PDBR
Page Directory Base Register: Identifies page directory base address on a 4 KB page boundary.
11:0
RSVD
Reserved: Set to 0.
CR2 Register
Control Register 2 (R/W)
31:0
PFLA
Page Fault Linear Address: With paging enabled and after a page fault, PFLA contains the linear address of the
address that caused the page fault.
CR1 Register
Control Register 1 (R/W)
31:0
RSVD
Reserved
CR0 Register
Control Register 0 (R/W)
31
PG
Paging Enable Bit: If PG = 1 and protected mode is enabled (PE = 1), paging is enabled. After changing the
state of PG, software must execute an unconditional branch instruction (e.g., JMP, CALL) to have the change
take effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com