Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 62Page - National Semiconductor (TI) GXM Datasheet HTML 63Page - National Semiconductor (TI) GXM Datasheet HTML 64Page - National Semiconductor (TI) GXM Datasheet HTML 65Page - National Semiconductor (TI) GXM Datasheet HTML 66Page - National Semiconductor (TI) GXM Datasheet HTML 67Page - National Semiconductor (TI) GXM Datasheet HTML 68Page - National Semiconductor (TI) GXM Datasheet HTML 69Page - National Semiconductor (TI) GXM Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 244 page
background image
www.national.com
66
Revision 3.1
Processor Programming (Continued)
3.7.3
GDTR and LDTR Registers
The GDT, and LDT descriptor tables are defined by the
Global Descriptor Table Register (GDTR) and the Local
Descriptor Table Register (LDTR) respectively. Some texts
refer to these registers as GDT, and LDT descriptors.
The following instructions are used in conjunction with the
GDT and LDT registers:
• LGDT - Load memory to GDTR
• LLDT - Load memory to LDTR
• SGDT - Store GDTR to memory
• SLDT - Store LDTR to memory
The GDTR is set up in REAL mode using the LGDT
instruction. This is possible as the LGDT instruction is one
of two instructions that directly load a linear address
(instead of a segment relative address) in protective
mode. (The other instruction is the Load Interrupt Descrip-
tor Table [LIDT]).
As shown in Table 3-20, the GDT registers contain a
BASE ADDRESS field and a LIMIT field that define the
GDT tables. (The IDTR is described in Section 3.7.3.2
“Task, Gate and Interrupt Descriptors” on page 67.)
Also shown in Table 3-20, the LDTR is only two bytes wide
as it contains only a SELECTOR field. The contents of the
SELECTOR field point to a descriptor in the GDT.
3.7.3.1
Segment Descriptors
There are several types of descriptors. A segment
descriptor defines the base address, limit and attributes of
a memory segment.
The GDT or LDT can hold several types of descriptors. In
particular, the segment descriptors are stored in either of
two registers, the GDT, or the LDT as shown in Table 3-
20). Either of these tables can store as many as 8,192
(213) eight-byte selectors taking as much as 64 KB of
memory.
The first descriptor in the GDT (location 0) is not used by
the CPU and is referred to as the “null descriptor.”
Types of Segment Descriptors
The type of memory segments are defined by correspond-
ing types of segment descriptors:
• Code Segment Descriptors
• Data Segment Descriptors
• Stack Segment Descriptors
• LDT Segment Descriptors
Table 3-20. GDTR, LDTR and IDTR Registers
47
16 15 14 13 12 11 10
9
8765
43210
GDT Register
Global Descriptor Table Register
BASE
LIMIT
IDT Register
Interrupt Descriptor Table Register
BASE
LIMIT
LDT Register
Local Descriptor Table Register
SELECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com