Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 20Page - National Semiconductor (TI) GXM Datasheet HTML 21Page - National Semiconductor (TI) GXM Datasheet HTML 22Page - National Semiconductor (TI) GXM Datasheet HTML 23Page - National Semiconductor (TI) GXM Datasheet HTML 24Page - National Semiconductor (TI) GXM Datasheet HTML 25Page - National Semiconductor (TI) GXM Datasheet HTML 26Page - National Semiconductor (TI) GXM Datasheet HTML 27Page - National Semiconductor (TI) GXM Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 244 page
background image
www.national.com
24
Revision 3.1
Signal Definitions (Continued)
2.2
SIGNAL DESCRIPTIONS
2.2.1
System Interface Signals
Signal Name
BGA
Pin No.
SPGA
Pin No.
Type
Description
SYSCLK
P26
V34
I
System Clock
System Clock runs synchronously with the PCI bus. The internal
clock of the GXm processor is generated by an internal PLL
which multiplies the SYSCLK input and can run up to eight times
faster. The SYSCLK to core clock multiplier is configured using
the CLKMOD[2:0] inputs.
The SYSCLK input is a fixed frequency which can only be
stopped or varied when the GXm processor is in a full 3V Sus-
pend. (Section 6.4 “3-Volt Suspend Mode” on page 174 for
details regarding this mode.)
CLKMODE[2:0]
M1, L1,
M3
G3, R2,
S1
I
Clock Mode
Thesesignals areusedto set thecore clock multiplier. The PCI
clock "SYSCLK" is multiplied by the value programmed by CLK-
MODE[2:0] to generate the GXm processor’s core clock.
CLKMODE2 is valid only for GXm processor revision 4.0 and up.
The value read from DIR1 (Device ID Register 1, refer to
page 51) affects the definition of the CLKMODE pins.
If DIR1 = 30h-33h then CLKMODE[1:0]:
00 = SYSCLK multiplied by 4 (Test mode only)
01 = SYSCLK multiplied by 6
10 = SYSCLK multiplied by 7
11 = SYSCLK multiplied by 5
If DIR1 = 34h-4Fh then CLKMODE[1:0]:
00 = SYSCLK multiplied by 4 (Test mode only)
01 = SYSCLK multiplied by 6
10 = SYSCLK multiplied by 7
11 = SYSCLK multiplied by 8
If DIR1 > or = 50h then CLKMODE[2:0]:
000 = SYSCLK multiplied by 4 (Test mode only)
001 = SYSCLK multiplied by 10
010 = SYSCLK multiplied by 9
011 = SYSCLK multiplied by 5
100 = SYSCLK multiplied by 4
101 = SYSCLK multiplied by 6
110 = SYSCLK multiplied by 7
111 = SYSCLK multiplied by 8
RESET
J3
M2
I
Reset
RESET aborts all operations in progress and places the
GXm processor into a reset state. RESET forces the CPU and
peripheral functions to begin executing at a known state. All data
in the on-chip cache is invalidated.
RESET is an asynchronous input but must meet specified setup
and hold times to guarantee recognition at a particular clock
edge. This input is typically generated during the Power-On-
Reset sequence.
Note:
Warm Reset does not require an input on the GXm pro-
cessor since the function is virtualized using SMM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com