Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 6Page - National Semiconductor (TI) GXM Datasheet HTML 7Page - National Semiconductor (TI) GXM Datasheet HTML 8Page - National Semiconductor (TI) GXM Datasheet HTML 9Page - National Semiconductor (TI) GXM Datasheet HTML 10Page - National Semiconductor (TI) GXM Datasheet HTML 11Page - National Semiconductor (TI) GXM Datasheet HTML 12Page - National Semiconductor (TI) GXM Datasheet HTML 13Page - National Semiconductor (TI) GXM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 244 page
background image
www.national.com
10
Revision 3.1
Architecture Overview (Continued)
1.5.2
Display Controller
The display port is a direct interface to the CS5530 which
drives a TFT flat panel display, LCD panel, or a CRT dis-
play.
The display controller (video generator) retrieves image
data from the frame buffer region of memory, performs a
color-look-up if required, inserts the cursor overlay into
the pixel stream, generates display timing, and formats
the pixel data for output to a variety of display devices.
The display controller contains Display Compression
Technology (DCT) that allows the GXm processor to
refresh the display from a compressed copy of the frame
buffer. DCT typically decreases the screen-refresh band-
width requirement by a factor of 15 to 20, further minimiz-
ing bandwidth contention.
1.5.3
XpressRAM Memory Subsystem
The memory controller drives a 64-bit SDRAM port
directly. The SDRAM memory array contains both the
main system memory and the graphics frame buffer. Up to
four module banks of SDRAM are supported. Each mod-
ule bank will have two or four component banks depend-
ing on the memory size and organization. The maximum
configuration is four module banks with four component
banks providing a total of 16 open banks. The maximum
memory size is 1 GB.
The memory controller handles multiple requests for
memory data from the GXm processor, the graphics
accelerator and the display controller. The memory con-
troller contains extensive buffering logic that helps mini-
mize contention for memory bandwidth between graphics
and CPU requests. The memory controller cooperates
with the internal bus controller to determine the cacheabil-
ity of all memory references.
1.5.4
PCI Controller
The GXm processor incorporates a full-function PCI inter-
face module that includes the PCI arbiter. All accesses to
external I/O devices are sent over the PCI bus, although
most memory accesses are serviced by the SDRAM con-
troller. The Internal Bus Interface Unit contains address
mapping logic that determines if memory accesses are
targeted for the SDRAM or for the PCI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com