Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 103 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 103 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 99Page - National Semiconductor (TI) GXM Datasheet HTML 100Page - National Semiconductor (TI) GXM Datasheet HTML 101Page - National Semiconductor (TI) GXM Datasheet HTML 102Page - National Semiconductor (TI) GXM Datasheet HTML 103Page - National Semiconductor (TI) GXM Datasheet HTML 104Page - National Semiconductor (TI) GXM Datasheet HTML 105Page - National Semiconductor (TI) GXM Datasheet HTML 106Page - National Semiconductor (TI) GXM Datasheet HTML 107Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 244 page
background image
Revision 3.1
103
www.national.com
Integrated Functions (Continued)
4.3
MEMORY CONTROLLER
The memory controller operates with the Processor Inter-
face (X-Bus), Display Controller Interface, Graphics Pipe-
line Interface, and the SDRAM Interface.
The GXm processor supports LVTTL (low voltage TTL)
technology. LVTTL technology allows the SDRAM inter-
face of the memory controller to run at frequencies up to
100 MHz.
The SDRAM clock is a function of the core clock. The
SDRAM bus can be run at speeds that range between 66
MHz and 100 MHz. The core clock can be divided down
from two to five in half clock increments to generate the
SDRAM clock. SDRAM frequencies between 79 MHz and
100 MHz are only supported for certain types of closed
systems and strict design rules must be adhered to. For
further details, please contact your local National Semi-
conductor technical support representative.
A basic block diagram of the memory controller is shown
in Figure 4-3.
Figure 4-3. Memory Controller Block Diagram
Address
Processor/PCI
Display Controller
Graphics Pipeline
Processor/PCI Address
Processor I/F
Display Controller I/F
Graphics Pipeline I/F
Arbiter
SDRAM
RASA#,RASB#
CKEA#, CKEB#
WEA#/WEB#
Configuration
MA[12:0]
BA[1:0]
Display Controller Address
Graphics Pipeline Address
Processor/PCI Data
Display Controller Data
Graphics Pipeline Data
Processor/PCI
Display Controller
MD[63:0]
Read Buffer
(16 Bytes)
Sequence
Controller
Timing
Controller
Registers
Control/MUX
Write Buffer (16 Bytes)
Write Buffer (16 Bytes)
Graphics Controller
Write Buffer (16 Bytes)
Control
Control
Control
DQM[7:0]
CASA#,CASB#
CS[3:0]#
REF
Clock Divider
2, 2.5, 3, 3.5, 4
SDCLK[3:0]
Core Clock (ph2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com