Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 107 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 107 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 103Page - National Semiconductor (TI) GXM Datasheet HTML 104Page - National Semiconductor (TI) GXM Datasheet HTML 105Page - National Semiconductor (TI) GXM Datasheet HTML 106Page - National Semiconductor (TI) GXM Datasheet HTML 107Page - National Semiconductor (TI) GXM Datasheet HTML 108Page - National Semiconductor (TI) GXM Datasheet HTML 109Page - National Semiconductor (TI) GXM Datasheet HTML 110Page - National Semiconductor (TI) GXM Datasheet HTML 111Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 244 page
background image
Revision 3.1
107
www.national.com
Integrated Functions (Continued)
ACT — The activate command is used to open a row in a
particular bank for a subsequent access. The value on the
BA lines selects the bank, and the address on the MA
lines selects the row. This row remains open for accesses
until a precharge command is issued to that bank. A pre-
charge command must be issued before opening a differ-
ent row in the same bank.
READ —The read commandisusedtoinitiateaburst
read access to an active row. The value on the BA lines
select the component bank, and the address provided by
the MA lines select the starting column location. The
memory controller does not perform auto precharge dur-
ing read operations. Valid data-out from the starting col-
umn address is available following the CAS latency after
the read command. The DQM signals are asserted low
during read operations.
WRT — The write command is used to initiate a burst
writeaccess toanactiverow.The valueon the BA liens
select the component bank, and the address provided by
the MA lines select the starting column location. The
memory controller does not perform auto precharge dur-
ing write operations. This leaves the page open for subse-
quent accesses. Data appearing on the MD lines is
written to the DQM logic level appearing coincident with
the data. If the DQM signal is registered low, the corre-
sponding data will be written to memory. If the DQM is
driven high, the corresponding data will be ignored, and a
write will not be executed to that location.
REF — Auto refresh is used during normal operation and
is analogous to the CAS-before-RAS (CBR) refresh in
conventional DRAMs.During auto refresh the address bits
are "don’t care". The memory controller precharges all
banks prior to an auto refresh cycle. Auto refresh cycles
are issued approximately 15 µs apart.
The self refresh command is used to retain data in the
SDRAMs even when the rest of the system is powered
down. The self refresh command is similar to an auto
refresh command except CKE is disabled (low). The
memory controller issues a self refresh command during
3V Suspend mode when all the internal clocks are
stopped.
4.3.3.1
SDRAM Initialization Sequence
After the clocks have started and stabilized, the memory
controller SDRAM initialization sequence begins:
1)
Precharge all component banks
2)
Perform eight refresh cycles
3)
Perform an MRS cycle
4)
Perform eight refresh cycles
This sequence is compatible with the majority of SDRAMs
available from the various vendors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com