Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 105Page - National Semiconductor (TI) GXM Datasheet HTML 106Page - National Semiconductor (TI) GXM Datasheet HTML 107Page - National Semiconductor (TI) GXM Datasheet HTML 108Page - National Semiconductor (TI) GXM Datasheet HTML 109Page - National Semiconductor (TI) GXM Datasheet HTML 110Page - National Semiconductor (TI) GXM Datasheet HTML 111Page - National Semiconductor (TI) GXM Datasheet HTML 112Page - National Semiconductor (TI) GXM Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 244 page
background image
Revision 3.1
109
www.national.com
Integrated Functions (Continued)
25:23
MEMHDCTL
Control High Drive/Slew Control: Controls the high drive and slew rate of the memory control sig-
nals (CASA#, CASB#, RASA#, RASB#, CKEA, CKEB, WEA#, WEA#, DQM[7:0], and CS[3:0]#):
000 = Tristate
001 = Smallest drive strength
010 -110 = Represents gradual drive strength increase
111 = Highest drive strength
22
RSVD
Reserved: Set to 0.
21
RSVD
Reserved: Must be set to 0. Wait state on the X-Bus x_data during read cycles - for debug only.
20:18
SDCLKRATE
SDRAM Clock Ratio: Selects SDRAM clock ratio:
000 = Reserved
100 = ÷ 3.5
001 = ÷ 2
101 = ÷ 4
010 = ÷ 2.5
110 = ÷ 4.5
011 = ÷ 3 (Default)
111 = ÷ 5
Ratio does not take effect until the SDCLKSTRT bit (bit 17 of this register) transitions from 0 to 1.
17
SDCLKSTRT
Start SDCLK: Start operating SDCLK using the new ratio and shift value (selected in bits [20:18] of
this register): 0 = Clear; 1 = Enable.
This bit should be cleared every time before a one is written to it in order to start SDCLK or to change
the shift value.
16:8
RFSHRATE
Refresh Interval: This field determines the number of processor core clocks multiplied by 64 between
refresh cycles to the DRAM. By default, the refresh interval is 00h. This implies that refresh is turned
off by default.
7:6
RFSHSTAG
Refresh Staggering: This field determines number of clocks between REF commands to different
banks during refresh cycles:
00 = 0 SDRAM clocks
10 = 2 SDRAM clocks
01 = 1 SDRAM clocks (Default)
11 = 4 SDRAM clocks
Staggering is used to help reduce power spikes during refresh. When only DIMM0 is installed and it
has only one DIMM bank, then this field must be set to 00.
5
2CLKADDR
Two Clock Address Setup: Assert memory address for one extra clock before CS# is asserted:
0 = Disable; 1 = Enable.
This can be used to compensate for address setup at high frequencies.
4RFSHTST
Test Refresh: This bit, when set high, generates a refresh request. This bit is only used for testing
purposes.
3
XBUSARB
X-Bus Round Robin: When enabled, processor requests are arbitrated at the same priority level than
graphics pipeline requests and non-critical display controller requests. When disabled, processor
requests are arbitrated at a higher priority level. High priority display controller requests always have
the highest arbitration priority: 0 = Enable; 1 = Disable.
2VGAWRP
VGA Wrap Enable: Allow memory wrapping into the VGA memory address space from A0000h to
BFFFFh: 0 = Disable; 1 = Enable.
1RSVD
Reserved: Set to 0.
0
SDRAMPRG
Program SDRAM: When this bit is set the memory controller will program the SDRAM MRS register
using LTMODE in MC_SYNC_TIM1.
This bit should be cleared every time before a one is written to it in order to program the SDRAM.
GX_BASE+8404h-8407h
MC_MEM_CNTRL2 (R/W)
Default Value = 00000801h
31:18
RSVD
Reserved: Set to 0.
17:16
SDCLKRISE
SDCLK Rising Delay: Controls the delay between the core clock and the rising edge of SDCLK dur-
ing all modes. (Set by BIOS.)
15:14
SDCLKFALL
SDCLK Falling Delay: Controls the delay between the core clock and the falling edge of SDCLK dur-
ing 2.5 and 3.5 clock modes. (Set by BIOS.)
13:11
SDCLKHDCTL
SDCLK High Drive/Slew Control: Controls the high drive and slew rate of SDCLK[3:0] and
SDCLK_OUT.
000 = Highest drive strength. (No braking applied in the pads)
001 = Smallest drive strength
010 -110 = Represent gradual drive strength increase
111 = Highest drive strength
10
SDCLKOMSK
Mask SDCLK_OUT: 0 = Not masked; 1 = Mask.
Table 4-16. Memory Controller Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com