Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 106Page - National Semiconductor (TI) GXM Datasheet HTML 107Page - National Semiconductor (TI) GXM Datasheet HTML 108Page - National Semiconductor (TI) GXM Datasheet HTML 109Page - National Semiconductor (TI) GXM Datasheet HTML 110Page - National Semiconductor (TI) GXM Datasheet HTML 111Page - National Semiconductor (TI) GXM Datasheet HTML 112Page - National Semiconductor (TI) GXM Datasheet HTML 113Page - National Semiconductor (TI) GXM Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 244 page
background image
www.national.com
110
Revision 3.1
Integrated Functions (Continued)
9
SDCLK3MSK
Mask SDCLK3: 0 = Not masked; 1 = Mask.
8
SDCLK2MSK
Mask SDCLK2: 0 = Not masked; 1 = Mask
7
SDCLK1MSK
Mask SDCLK1: 0 = Not masked; 1 = Mask.
6
SDCLK0MSK
Mask SDCLK0: 0 = Not masked; 1 = Mask
5:3
SHFTSDCLK
Shift SDCLK: This function allows shifting SDCLK to meet SDRAM setup and hold time requirements.
The shift function will not take effect until the SDCLKSTRT bit (bit 17 of MC_MEM_CNTRL1) transi-
tions from 0 to 1:
000 = No shift
100 = Shift 2 core clocks
001 = Shift 0.5 core clock
101 = Shift 2.5 core clocks
010 = Shift 1 core clock
110 = Shift 3 core clocks
011 = Shift 1.5 core clock
111 = Reserved
Note: Refer to Figure 4-10 for an example of SDCLK shifting.
2RSVD
Reserved: Set to 0.
1RD
Read Data Phase: Selects if read data is latched one or two core clock after the rising edge of
SDCLK: 0= 1coreclock; 1 = 2 core clocks.
0
FSTRDMSK
Fast Read Mask: Do not allow core reads to bypass the request FIFO: 0 = Disable; 1 = Enable.
GX_BASE+8408h-840Bh
MC_BANK_CFG (R/W)
Default Value = 41104110h
31
RSVD
Reserved: Set to 0.
30
DIMM1_
MOD_BNK
DIMM1 Module Banks: Selects the number of module banks per DIMM for DIMM1:
0 = 1 Module bank
1 = 2 Module banks
29
RSVD
Reserved: Set to 0.
28
DIMM1_
COMP_BNK
DIMM1 Component Banks: Selects the number of component banks per module bank for DIMM1:
0 = 2 Component banks
1 = 4 Component banks
27
RSVD
Reserved: Set to 0.
26:24
DIMM1_SZ
DIMM1 Size: Selects the size of DIMM1:
000 = 4 MB
010 = 16 MB
100 = 64 MB
110 = 256 MB
001 = 8 MB
011 = 32 MB
101 = 128 MB
111 = 512 MB
23
RSVD
Reserved: Set to 0.
22:20
DIMM1_PG_SZ
DIMM1 Page Size: Selects the page size of DIMM1:
000 = 1 KB
010 = 4 KB
1xx = 16 KB
001 = 2 KB
011 = 8 KB
111 = DIMM1 not installed
When DIMM1 is not installed, program all other DIMM1 fields to 0.
19:15
RSVD
Reserved: Set to 0.
14
DIMM0_
MOD_BNK
DIMM0 Module Banks: Selects number of module banks per DIMM for DIMM0:
0 = 1 Module bank
1 = 2 Module banks
13
RSVD
Reserved: Set to 0.
12
DIMM0_
COMP_BNK
DIMM0 Component Banks: Selects the number of component banks per module bank for DIMM0:
0 = 2 Component banks
1 = 4 Component banks
11
RSVD
Reserved: Set to 0.
10:8
DIMM0_SZ
DIMM0 Size: Selects the size of DIMM1:
000 = 4 MB
010 = 16 MB
100 = 64 MB
110 = 256 MB
001 = 8 MB
011 = 32 MB
101 = 128 MB
111 = 512 MB
7RSVD
Reserved: Set to 0.
6:4
DIMM0_PG_SZ
DIMM0 Page Size: Selects the page size of DIMM0:
000 = 1 KB
010 = 4 KB
1xx = 16 KB
001 = 2 KB
011 = 8 KB
111 = DIMM0 not installed
When DIMM0 is not installed, program all other DIMM0 fields to 0.
3:0
RSVD
Reserved: Set to 0.
Table 4-16. Memory Controller Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com