Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 102Page - National Semiconductor (TI) GXM Datasheet HTML 103Page - National Semiconductor (TI) GXM Datasheet HTML 104Page - National Semiconductor (TI) GXM Datasheet HTML 105Page - National Semiconductor (TI) GXM Datasheet HTML 106Page - National Semiconductor (TI) GXM Datasheet HTML 107Page - National Semiconductor (TI) GXM Datasheet HTML 108Page - National Semiconductor (TI) GXM Datasheet HTML 109Page - National Semiconductor (TI) GXM Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 244 page
background image
www.national.com
106
Revision 3.1
Integrated Functions (Continued)
4.3.3
SDRAM Commands
This subsection discusses the SDRAM commands sup-
ported by the memory controller. Table 4-13 summarizes
these commands followed by detailed operational infor-
mation regarding each command.
MRS — The Mode Register command defines the specific
mode of operation of the SDRAM. This definition includes
the selection of burst length, burst type, and CAS latency.
CAS latency is the delay, in clock cycles, between the reg-
istration of a read command and the availability of the first
piece of output data.
The burst length is programmed by address bits MA[2:0],
the burst type by address bit MA3 and the CAS latency by
address bits MA[6:4].
The memory controller only supports a burst length of two
and burst type of interleave.
The field value on MA[12:0] and BA[1:0] during the MRS
cycleare as shownin Table4-14.
PRE — The precharge command is used to deactivate
the open row in a particular bank or the open row in both
component banks. Address pin MA10 determines whether
one or both banks are to be precharged. In the case
where only one component bank is to be precharged,
BA[1:0] selects which bank. Once a bank has been pre-
charged, it is in the Idle state and must be activated prior
to any read or write commands.
Table 4-13. Basic Command Truth Table
Name
Command
CS
RAS
CAS
WE
MRS
Mode Register Set
L
L
L
L
PRE
Bank Precharge
L
L
H
L
ACT
Bank activate/row-
address entry
LL
H
H
WRT
Column address
entry/Write operation
LHL
L
READ
Column address
entry/Read operation
LHL
H
DESL
Control input inhibit/
No operation
H
XXX
REFR*
CBR Refresh or Auto
Refresh
LL
L
H
Note: *This command is CBR (CAS-before-RAS) refresh
when CKE is high and self refresh when CKE is low.
Table 4-14. Address Line Programming during MRS Cycles
BA[1:0]
MA[12:7]
MA[6:4]
MA3
MA2
MA1
MA0
00
000000
CAS Latency:
000 = Reserved
010 = 2 CLK
100 = 4 CLK
110 = 6 CLK
001 = 1 CLK
011 = 3 CLK
101 = 5 CLK
111 = 7 CLK
10
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com