Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 104Page - National Semiconductor (TI) GXM Datasheet HTML 105Page - National Semiconductor (TI) GXM Datasheet HTML 106Page - National Semiconductor (TI) GXM Datasheet HTML 107Page - National Semiconductor (TI) GXM Datasheet HTML 108Page - National Semiconductor (TI) GXM Datasheet HTML 109Page - National Semiconductor (TI) GXM Datasheet HTML 110Page - National Semiconductor (TI) GXM Datasheet HTML 111Page - National Semiconductor (TI) GXM Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 244 page
background image
www.national.com
108
Revision 3.1
Integrated Functions (Continued)
4.3.4
Memory Controller Register Description
The Memory Controller maps 100h locations starting at
GX_BASE+8400h. Refer to Section 4.1.2 “Control Regis-
ters” on page 94 for instructions on accessing these regis-
ters.
Table 4-15 summarizes the 32-bit registers contained in
the memory controller. Table 4-16 gives detailed regis-
ter/bit formats.
Table 4-15. Memory Controller Register Summary
GX_BASE+
Memory Offset
Type
Name/Function
Default Value
8400h-8403h
R/W
MC_MEM_CNTRL1
Memory Controller Control Register 1: Memory controller configuration informa-
tion e.g., refresh interval, SDCLK ratio, etc.
248C0040h
8404h-8407h
R/W
MC_MEM_CNTRL2
Memory Controller Control Register 2: Memory controller configuration informa-
tion to control SDCLK.
00000801h
8408h-840Bh
R/W
MC_BANK_CFG
Memory Controller Bank Configuration: Contains the configuration information for
the each of the two DIMMs in the memory array. BIOS programs this register dur-
ing boot by running an autosizing routine on the memory.
41104110h
840Ch-840Fh
R/W
MC_SYNC_TIM1
Memory Controller Synchronous Timing Register 1: SDRAM memory timing
information - This register controls the memory timing of all four banks of DRAM.
BIOS programs this register based on the processor frequency and the SDCLK
divide ratio.
2A733225h
8414h-8417h
R/W
MC_GBASE_ADD
Memory Controller Graphics Base Address Register: This register sets the
graphics memory base address, which is programmable on 512 KB boundaries.
The display controller and the graphics pipeline generate a 20-bit DWORD offset
that is added to the graphics memory base address to form the physical memory
address. Typically, the graphics memory region is located at the top of physical
memory.
00000000h
8418h-841Bh
R/W
MC_DR_ADD
Memory Controller Dirty RAM Address Register: This register is used to set the
Dirty RAM address index for processor diagnostic access. This register should be
initialized before accessing the MC_DR_ACC register
00000000h
841Ch-841Fh
R/W
MC_DR_ACC
Memory Controller Dirty RAM Access Register: This register is used to access
the Dirty RAM. A read/write to this register will access the Dirty RAM at the
address specified in the MC_DR_ADD register.
0000000xh
Table 4-16. Memory Controller Registers
Bit
Name
Description
GX_BASE+ 8400h-8403h
MC_MEM_CNTRL1 (R/W)
Default Value = 248C0040h
31:29
MDHDCTL
MD High Drive Control: Controls the high drive and slew rate of the memory data bus (MD[63:0]):
000 = Tristate
001 = Smallest drive strength
010 -110 = Represents gradual drive strength increase
111 = Highest drive strength
28:26
MABAHDCTL
MA/BA High Drive Control: Controls the high drive and slew rate of the memory address bus includ-
ing the memory bank address bus (MA[12:0] and BA[1:0]):
000 = Tristate
001 = Smallest drive strength
010 -110 = Represents gradual drive strength increase
111 = Highest drive strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com