Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 111 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 111 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 107Page - National Semiconductor (TI) GXM Datasheet HTML 108Page - National Semiconductor (TI) GXM Datasheet HTML 109Page - National Semiconductor (TI) GXM Datasheet HTML 110Page - National Semiconductor (TI) GXM Datasheet HTML 111Page - National Semiconductor (TI) GXM Datasheet HTML 112Page - National Semiconductor (TI) GXM Datasheet HTML 113Page - National Semiconductor (TI) GXM Datasheet HTML 114Page - National Semiconductor (TI) GXM Datasheet HTML 115Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 244 page
background image
Revision 3.1
111
www.national.com
Integrated Functions (Continued)
GX_BASE+840Ch-840Fh
MC_SYNC_TIM1 (R/W)
Default Value = 2A733225h
31
RSVD
Reserved: Set to 0.
30:28
LTMODE
CAS Latency (LTMODE): CAS latency is the delay, in clock cycles, between the registration of a read
command and the availability of the first piece of output data (BIOS interrogates EEPROM across the
I2C interface to determine this value):
000 = Reserved
010 = 2 CLK
100 = 4 CLK
110 = 6 CLK
001 = 1 CLK
011 = 3 CLK
101 = 5 CLK
111 = 7 CLK
This field will not take effect until SDRAMPRG (bit 0 of MC_MEM_CNTRL1) transitions from 0 to 1.
ERRATA: CAS Latency of 1 CLK is not currently supported.
27:24
RC
REF to REF/ACT Command Period (tRC): Minimum number of SDRAM clock between REF and
REF/ACT commands:
0000 = Reserved
0100 = 5 CLK
1000 = 9 CLK
1100 = 13 CLK
0001 = 2 CLK
0101 = 6 CLK
1001 = 10 CLK
1101 = 14 CLK
0010 = 3 CLK
0110 = 7 CLK
1010 = 11 CLK
1110 = 15 CLK
0011 = 4 CLK
0111 = 8 CLK
1011 = 12 CLK
1111 = 16 CLK
23:20
RAS
ACT to PRE Command Period (tRAS): Minimum number of SDRAM clocks between ACT and PRE
commands:
0000 = Reserved
0100 = 5 CLK
1000 = 9 CLK
1100 = 13 CLK
0001 = 2 CLK
0101 = 6 CLK
1001 = 10 CLK
1101 = 14 CLK
0010 = 3 CLK
0110 = 7 CLK
1010 = 11 CLK
1110 = 15 CLK
0011 = 4 CLK
0111 = 8 CLK
1011 = 12 CLK
1111 = 16 CLK
19
RSVD
Reserved: Set to 0.
18:16
RP
PRE to ACT Command Period (tRP): Minimum number of SDRAM clocks between PRE and ACT
commands:
000 = Reserved
010 = 2 CLK
100 = 4 CLK
110 = 6 CLK
001 = 1 CLK
011 = 3 CLK
101 = 5 CLK
111 = 7 CLK
15
RSVD
Reserved: Set to 0.
14:12
RCD
Delay Time ACT to READ/WRT Command (tRCD): Minimum number of SDRAM clock between ACT
and READ/WRT commands:
000 = Reserved
010 = 2 CLK
100 = 4 CLK
110 = 6 CLK
001 = 1 CLK
011 = 3 CLK
101 = 5 CLK
111 = 7 CLK
11
RSVD
Reserved: Set to 0.
10:8
RRD
ACT(0) to ACT(1) Command Period (tRRD): Minimum number of SDRAM clocks between ACT and
ACT command to two different component banks within the same module bank. The memory control-
ler does not perform back-to-back Activate commands to two different component banks without a
READ or WIRTE command between them. Hence, this field should be set to 001.
7RSVD
Reserved: Set to 0.
6:4
DPL
Data-in to PRE command period (tDPL): Minimum number of SDRAM clocks from the time the last
write datum is sampled till the bank is precharged:
000 = Reserved
010 = 2 CLK
100 = 4 CLK
110 = 6 CLK
001 = 1 CLK
011 = 3 CLK
101 = 5 CLK
111 = 7 CLK
3:0
RSVD
Reserved: Set to 0 or leave unchanged.
GX_BASE+8414h-8417h
MC_GBASE_ADD (R/W)
Default Value = 00000000h
31:18
RSVD
Reserved: Set to 0.
17
TE
Test Enable TEST[3:0]:
0 = TEST[3:0] are driven low
1 = TEST[3:0] pins are used to output test information
16
TECTL
Test Enable Shared Control Pins:
0 = RASB#, CASB#, CKEB, WEB# are driven low
1 = RASB#, CASB#, CKEB, WEB# are used to output test information
15:12
SEL
Select: This field is used for debug purposes only.
11
RSVD
Reserved: Set to 0.
Table 4-16. Memory Controller Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com