Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 109Page - National Semiconductor (TI) GXM Datasheet HTML 110Page - National Semiconductor (TI) GXM Datasheet HTML 111Page - National Semiconductor (TI) GXM Datasheet HTML 112Page - National Semiconductor (TI) GXM Datasheet HTML 113Page - National Semiconductor (TI) GXM Datasheet HTML 114Page - National Semiconductor (TI) GXM Datasheet HTML 115Page - National Semiconductor (TI) GXM Datasheet HTML 116Page - National Semiconductor (TI) GXM Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 244 page
background image
Revision 3.1
113
www.national.com
Integrated Functions (Continued)
Table 4-17. Auto LOI -- 2 DIMMs, Same Size, 1 DIMM Bank
1 K Page Size
2 K Page Size
4 K Page Size
1 K Page Size
2 K Page Size
4 Page Size
Row
Col
Row
Col
Row
Col
Row
Col
Row
Col
Row
Col
Address
2 Component Banks
4 Component Banks
MA12
A24
--
A25
--
A26
A25
--
A26
--
A27
MA11
A23
--
A24
--
A25
A24
--
A25
--
A26
MA10
A22
--
A23
--
A24
A23
--
A24
--
A25
MA9
A21
--
A22
--
A23
A22
A9
A23
--
A24
MA8
A20
--
A21
--
A22
A11
A21
A8
A22
--
A23
A11
MA7
A19
--
A20
A10
A21
A10
A20
A7
A21
A10
A22
A10
MA6
A18
A9
A19
A9
A20
A9
A19
A6
A20
A9
A21
A9
MA5
A17
A8
A18
A8
A19
A8
A18
A5
A19
A8
A20
A8
MA4
A16
A7
A17
A7
A18
A7
A17
A4
A18
A7
A19
A7
MA3
A15
A6
A16
A6
A17
A6
A16
A3
A17
A6
A18
A6
MA2
A14
A5
A15
A5
A16
A5
A15
A8
A16
A5
A17
A5
MA1
A13
A4
A14
A4
A15
A4
A14
A7
A15
A4
A16
A4
MA0
A12
A3
A13
A3
A14
A3
A13
A6
A14
A3
A15
A3
CS0#/CS1#
A11
A12
A13
A12
A13
A14
CS2#/CS#3
--
--
--
--
--
--
BA0/BA1
A10
A11
A12
A11/A10
A12/A11
A13/A12
Table4-18. Auto LOI-- 2 DIMMs,SameSize, 2DIMM Banks
1 K Page Size
2 K Page Size
4 K Page Size
1 K Page Size
2 Page Size
4 K Page Size
Row
Col
Row
Col
Row
Col
Row
Col
Row
Col
Row
Col
Address
2 Component Banks
4 Component Banks
MA12
A25
--
A26
--
A27
A26
--
A27
--
A28
--
MA11
A24
--
A25
--
A26
A25
--
A26
--
A27
--
MA10
A23
--
A24
--
A25
A24
--
A25
--
A26
--
MA9
A22
--
A23
--
A24
A23
--
A24
--
A25
--
MA8
A21
--
A22
--
A23
A11
A22
--
A23
--
A24
A11
MA7
A20
--
A21
A10
A22
A10
A21
--
A22
A10
A23
A10
MA6
A19
A9
A20
A9
A21
A9
A20
A9
A21
A9
A22
A9
MA5
A18
A8
A19
A8
A20
A8
A19
A8
A20
A8
A21
A8
MA4
A17
A7
A18
A7
A19
A7
A18
A7
A19
A7
A20
A7
MA3
A16
A6
A17
A6
A18
A6
A17
A6
A18
A6
A19
A6
MA2
A15
A5
A16
A5
A17
A5
A16
A5
A17
A5
A18
A5
MA1
A14
A4
A15
A4
A16
A4
A15
A4
A16
A4
A17
A4
MA0
A13
A3
A14
A3
A15
A3
A14
A3
A15
A3
A16
A3
CS0#/CS1#
A12
A13
A14
A13
A14
A15
CS2#/CS3#
A11
A12
A13
A12
A13
A14
BA0/BA1
A10
A11
A12
A11/A10
A12/A11
A13/A12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com