Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 222 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 222 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 218Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 219Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 220Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 221Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 222Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 223Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 224Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 225Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 226Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
9-10
Conexant
100723A
Output data FIFO halfword[3:0] for the data to the external memory (for DMA channel 8):
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Bi-level Resolution
Conversion
Output Data FIFO
(BiRCOutFIFOx)
data
bit 15
data
bit 14
data
bit 13
data
bit 12
data
bit 11
data
bit 10
data
bit 9
data
bit 8
Rst Value
00h
Read
Value 00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Bi-level Resolution
Conversion
Output Data FIFO
(BiRCOutFIFOx)
data
bit 7
data
bit 6
data
bit 5
data
bit 4
data
bit 3
data
bit 2
data
bit 1
data
bit 0
Rst Value
00h
Read
Value 00h
Address assignment for output FIFO halfword[3:0]
The output FIFO halfword
The register name
Address
Output FIFO halfword 3
BiRCOutFIFO3
01FF8087-86
Output FIFO halfword 2
BiRCOutFIFO2
01FF8085-84
Output FIFO halfword 1
BiRCOutFIFO1
01FF8083-82
Output FIFO halfword 0
BiRCOutFIFO0
01FF8081-80
Bi-level Resolution Converter Ratio Registers:
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Bi-level Resolution
Conversion Ratio
(BiResConRatio)
00FF807D
Add/Delete 729 or 1458
pixels per 2187 input pixels
0:= 0 pixels
1:= Not allowed
2:= 729 pixels
3:= 1458 pixels
Add/Delete 243 or 486
pixels per 2187 input pixels
0:= 0 pixels
1:= Not allowed
2:= 243 pixels
3:= 486 pixels
Add/Delete 81 or 162
pixels per 2187 input pixels
0:= 0 pixels
1:= Not allowed
2:= 81 pixels
3:= 162 pixels
Add/Delete 27 or 54
pixels per 2187 input pixels
0:= 0 pixels
1:= Not allowed
2:= 27 pixels
3:= 54pixels
Rst Value
00h
Read
Value 00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Bi-level Resolution
Conversion Ratio
Control
(BiResConRatio)
01FF807C
Add/Delete 9 or 18 pixels
per 2187 input pixels
0:= 0 pixels
1:= Not allowed
2:= 9 pixels
3:= 18 pixels
Add/Delete 3 or 6 pixels
per 2187 input pixels
0:= 0 pixels
1:= Not allowed
2:= 3 pixels
3:= 6 pixels
Add/Delete 1or 2 pixels per
2187 input pixels
0:= 0 pixels
1:= Not allowed
2:= 1pixels
3:= 2 pixels
Expansion/R
eduction
Mode
0=Exp.
1=Red.
Simple OR
Enable
Rst Value
00h
Read
Value
00000000
b
Bit 15-2
Sets Ratio for Reduction/Expansion of image data
Bit 1
Sets Expansion or Reduction mode
Bit 0
Turns on simple oring mode of 2 pixels for horizontal reduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com