Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 223 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 223 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 219Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 220Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 221Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 222Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 223Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 224Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 225Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 226Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 227Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
9-11
Bi-level Resolution Conversion Control Register:
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Bi-level Res.
Conversion
Control
(BiResConCtrl)
01FF807F
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Flush FIFO
(W)
Flush Status
(R)
Rst Value
xxxxxxx0b
Read
Value 00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Bi-level Res.
Conversion
Control
(BiResConCtrl)
01FF807E
Expansion Mode
0 = 100%
≤ X < 200%
1 = 200%
≤ X < 300%
2 = 300%
≤ X < 400%
ORing Threshold Setting
0= no threshold
1-7= threshold value 1-7
Data Source
Selection
0=T4/T6
1=Ext. Mem.
New line
Write 1 and
then, 0
"
convert a
new line
Enable Or of
orig. line
buffer with
current scan
line
Rst Value
00h
Read
Value 00h
Bit 8
For write, 1 " flush FIFO. For read, 1 " flush needed.
Bit 7-6
These two bits sets the resolution conversion hardware’s expansion
range. If the value of these two bits is ‘n’ and the expected expansion
ratio is X, the ratio ‘X-(n* 100%)’ needs to be set into the
BiResConRatio register.
Bit 5-3
n = the threshold value for the ORing function, n = 0-7. It means that
Oring is done to (n+1) contiguous 1’s only when bit 0 is set to 1.
Bit 2
Data Source selection
When this bit is set to 0, data is serially from the T4/T6 decompressor.
When this bit is set to 1, data is from the external memory through the
DMA operation (DMA channel 9).
Bit 1
Convert a new line
Resolution Conversion Logic is reset. Firmware needs to write a 1 and
then, immediately write a 0 to tell hardware to convert a new line.
Bit 0
Enable OR of orig. line buffer with current scan line (ScanOrEnb) (This
bit is only used when the external scan device is selected as the data
source of the resolution conversion). 1 = enable Bi-level Vertical
OR'ing of the scanner line buffer data. This bit can be used to
accomplish normal mode OR'ing and vertical reduction.
Note: If you don’t want to do image expansion or image reduction, the resolution conversion
ratio is 100%. You need to program bits[7:6] of the BiResConCtrl register to ‘00b’ and program
the BiResConRatio register to ‘0000h’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com