Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 225 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 225 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 221Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 222Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 223Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 224Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 225Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 226Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 227Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 228Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 229Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
9-13
First Black Data:
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
The First Black Data
Location Count
(FirstBlkDatCnt)
$01FF806D
(Not Used)
(Not Used)
(Not Used)
(Not Used)
data
bit 11
data
bit 10
data
bit 9
data
bit 8
Rst Value
xxxx0000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
The First Black Data
Location Count
(FirstBlkDatCnt)
$01FF806C
data
bit 7
data
bit 6
data
bit 5
data
bit 4
data
bit 3
data
bit 2
data
bit 1
data
bit 0
Rst Value
00000000b
Read Value
00h
Bit 11-0
The First Black Data Location
Gives the half word count that black data first appeared in output of
the BRC. If the first half word contains black data the register will
remain at 000H. If the second half word contains data the register will
contain 0001H Etc. If black data in not present in the entire line (all
white line), register will be equal to the line length.
First Half Word Location = Register Value + 1.
Note: Starting a new line will reset the counter
Last Black Data:
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
The Last Black Data
Location Count
(LastBlkDatCnt)
$01FF806F
(Not Used)
(Not Used)
(Not Used)
(Not Used)
data
bit 11
data
bit 10
data
bit 9
data
bit 8
Rst Value
xxxx0000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
The Last Black Data
Location Count
(LastBlkDatCnt)
$01FF806E
data
bit 7
data
bit 6
data
bit 5
data
bit 4
data
bit 3
data
bit 2
data
bit 1
data
bit 0
Rst Value
00000000b
Read Value
00h
Bit 11-0
The Last Black Data Location
Gives the half word count that black data last appeared in output of
the BRC. If black data in not present in the entire line (all white line),
register will read 000H. If only the first half word contains black data
the register will read 001H. If the second half word contains data the
register will contain 0002H Etc. If the last half word contains black data
the register will be equal to the total number of half words out of the
BRC for that line. Last Half Word Location = Register Value.
Note: Starting a new line will reset the counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com