Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 228 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 228 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 224Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 225Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 226Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 227Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 228Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 229Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 230Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 231Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 232Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
9-16
Conexant
100723A
The number of pixels to add or remove per 2187 pixels is next converted to a 7 digit base-3 number. Each digit in
the Base-3 number is weighted as:
MSD
LSD
Digit n
0123456
Weight
1/3
1/9
1/27
1/81
1/243
1/729
1/2187
Note:
MSD = most significant digit, LSD = lease significant digit.
Each digit can take on 3 possible values: 0, 1, or 2; corresponding to adding or removing (0, 1 or 2) * 3(6-n) pixels
for every 37 input pixels or, equivalently, adding or removing 0,1, or 2 pixels for every 3(n+1) pixels.
Note:
The actual number of pixels output from the resolution conversion block will always be a
multiple of 16 pixels.
Example: Reduction of 2048 pixel/line to 1728 pixel/line (B4 to A4 Reduction)
Given:
Input Resolution = 2048 pixel/line
Output Resolution = 1728 pixel/line
Notes:
1.
Output Resolution must be a multiple of 16.
2.
(Input Resolution - Output Resolution)/Input Resolution < = 1/3 for best results (i.e.,
consecutive pixels will not be removed))
In this case, (Input Resolution - Output Resolution)/Input Resolution = 320/2048 = 5/32. Therefore, ideally 5 pixels
will be removed for every 32 input pixels.
Compute the number of pixels to remove per 2187 input pixels:
Int{ [(Input-Output)/Input]*(2187) }
= Int{ [(2048-1728)/2048]*(3**7) }
= Int { [320/2048]*2187 }
= Int { 341.71875 }
= 341
Therefore, 341 pixels will be removed for every 2187 input pixels.
Represent the number of pixels to add per 2187 input pixels using powers of 3:
Using Figure 9-1 determine which combination of powers of 3 digits are required to represent 341. The table
should be filled from top to bottom. The sum of the enabled digits should equal 341 as illustrated below:
341 = 243 + 81 + 9 + 6 + 2
Therefore, digits 243, 81, 9, 6, and 2 should be enabled in the table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com