Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 231 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 231 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 227Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 228Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 229Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 230Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 231Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 232Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 233Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 234Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 235Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
10-1
10. External Print ASIC Interface
The interface signals used between the MFC2000 and the external Print ASIC are described in this section. They
are basically the external ARM system bus interface signals. Conexant’s Alcore chip is an external Print ASIC and
it has the P1284 master port to talk to the P1284 slave port in the Printer.
10.1 Interface Between the MFC2000 and External Print ASIC
The MFC2000 ASIC is the master that controls the system bus and all other control signals. The MFC2000
firmware configures and controls the external Print ASIC by setting registers in the external Print ASIC through
the system bus. See Figure 10-1.
AUXCLK can be used as the clock base for the external Print ASIC. No matter AUXCLK or external OSC is used
for the external Print ASIC, the external Print ASIC needs to resynchronize all the signals and accesses for the
metastable problems caused by different clocks. The MFC2000 internally uses SIUCLK and ICLK which are
different from the external Print ASIC.
The interrupt PRTIRQn is used to tell the MFC2000 that further settings or actions are needed for the external
Print ASIC. The register bits in the external Print ASIC may be used to indicate which settings or actions need to
be performed. If the extra interrupt channel is required, the external IRQ13n and IRQ11 can be also used for the
external Print ASIC. These three interrupt input signals are resynchronized twice for the metastable issues.
The external Print ASIC needs to be designed with the compatible CPU read/write bus timing and DMA bus timing
used in the MFC2000 ASIC.
The external DMA channel between the MFC2000 ASIC and the external Print ASIC is DMA channel 2. The
external Print ASIC may get the print data from the bit rotation block if the bit rotation block is used or get the print
data from the external memory if the bit rotation is done by host or the external Print ASIC.
1.
The external Print ASIC gets the print data from the external memory. When the external Print ASIC
generates the DMA request (DMAREQ2) to request the printing data, the MFC2000 will respond with the
DMA acknowledge (DMAACK2) at the valid access cycle. At the same cycle, the MFC2000 will generate the
read strobe, address, and the external chip select signals to read one byte or halfword of print data out of the
external memory and put on the data bus. At the rising edge of the read strobe when DMAACK2 is high
(DMAACK acts as a chip select), the external Print ASIC latches this one byte or halfword printing data in. If
additional data bytes or halfwords are required by the external ASIC, it may leave the DMAREQ2 active. If no
additional data is required, the ASIC should pull the DMAREQ2 inactive immediately after DMAACK goes low.
DMA address will be incremented, decremented, or jumped during the DMA operation according to the fetch
order of the print data in the external memory (See the DMA Controller Section).
Note: No matter the data bus is byte or halfword wide, the memory data bus size must match
with the data bus size of the external Print ASIC. The Endian control bit for the DMA2 needs to
be 0. The Endian mode can’t be changed during the DMA operation.
2.
The external Print ASIC gets the print data from the bit rotation block.
When the external Print ASIC generates the DMA request (DMAREQ2) to request the printing data, the
MFC2000 will respond with the DMA acknowledge (DMAACK2) at the valid access cycle after the print data
ready in the output register of the Bit Rotation Block. At the same cycle, the MFC2000 will generate the read
strobe, address, and internal chip select signals to read one halfword of print data out of the output register of
the Bit Rotation block and put on the data bus. The MFC2000’s SIU may generate two access cycles for the
byte-wide external data bus (the bit 8 of the DMA2Config register needs to be set to 0) or one access cycle
for the halfword-wide external data bus (the bit 8 of the DMA2Config register needs to be set to 1). At the
rising edge of the each read strobe when DMAACK2 is high (DMAACK acts as a chip select), the external
Print ASIC latches this one byte or halfword printing data in. If additional data bytes or halfwords are required
by the external ASIC, it may leave the DMAREQ2 active. If no additional data is required, the ASIC should
pull the DMAREQ2 inactive immediately after DMAACK goes low. The DMA address is fixed during the DMA
operation (See the DMA Controller section and the Bit Rotation section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com