Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 233 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 233 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 229Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 230Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 231Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 232Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 233Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 234Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 235Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 236Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 237Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
11-1
11. Bit Rotation Logic
11.1 Functional Description
Bit Rotation Logic is responsible for preparing line-based image data to be used for a color or mono inkjet head. It
is designed to be completely universal, so that any inkjet head may be supported regardless of nozzle
configuration, provided there is only one nozzle per line of the printed image. An example of a typical 3-color
inkjet head is shown.
NP
HP
VP
1
2
3
4
5
7
6
8
NG-3
NG-1
NG-2
NG
2 lines
1 line
NP - Nozzle pitch in pels
VP - Vertical pitch between nozzle groups in
pels
HP - Horizontal pitch between nozzle
groups in pels.
NG - Number of nozzles in nozzle group.
Color1
Color2
Color3
Figure 11-1. Nozzle Diagram of a Typical Programmable Inkjet Head
The inkjet head shown is only an example. There are many other configurations that may be supported. The Bi-
Level Resolution Conversion block works in conjunction with firmware to ensure that all parameters that
correspond to nozzle shifts are removed before the image data is deposited in the swath buffer for removal by the
Bit Rotation Block. In addition, the Bit Rotation block does not need to distinguish the difference between mono or
inkjet color modes. A few examples of nozzle configurations that can be supported are shown in the figures.
These are only to show examples of the universal design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com