Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 236 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 236 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 232Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 233Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 234Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 235Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 236Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 237Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 238Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 239Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 240Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
11-4
Conexant
100723A
11.2.1 Swath Fetcher
The Swath Fetcher block is responsible for initiating as well as controlling the order of the transfer of data from the
swath buffer to the internal RAM of the Bit Rotation Block. There are several control signals provided to the Swath
Fetcher DMA channel for controlling what order the channel will read data out of image memory. The Fetcher
DMA will not support burst mode. This is due to the fact that in order to use burst mode, the DRAM that comprises
the image memory must be accessed using page mode. When accessing DRAM for the Bit Rotation block, the
sequential data stream rarely contains elements out of the same page of DRAM. Because of this, in most cases,
only single-access cycles can be realized when reading data out of the image memory for the Bit Rotation Block.
The order in which data is fetched out of the swath buffer depends on shuttle direction only. The way data is
fetched out of the swath buffer is best described pictorially. In the figure, each cell corresponds to a halfword (16
bits) in memory. The gray portion represents the printable image region, and a full line corresponds to the warp of
the swath buffer. The general order in which halfwords are fetched from the swath buffer is indicated by the
arrows. The starting address value that the firmware must program into the Swath Fetcher DMA channel depends
on the shuttle direction. While printing in a left-to-right fashion (when viewing the print on the page), the value
must correspond to the halfword of the upper left-hand corner of the image in the swath buffer (in the example
shown, this address would be base+6H. While printing in a right-to-left fashion, the value must correspond to the
upper right-hand corner of the image (in the figure, this would be base+AH). The value that would be programmed
in the Rotation Line Length (RotLine) register in this example would be 0005H (one less than the actual number of
bytes that comprise the image).
base+5*warp
base+3*warp
base+warp-2H
base+2H
base+CH
base+AH
base+8H
base+6H
base+4H
base+2H
base+CH
base+AH
base+8H
base+6H
base+4H
base
base+warp
base+(NG-1)*warp
base+4*warp
base+2*warp
base
base+warp
base+(NG-1)*warp
base+4*warp
base+2*warp
base+3*warp
base+5*warp
base+warp-2H
Left-to-Right
Shuttle Direction
Fetch Order
Right-to-Left
Shuttle Direction
Fetch Order
Figure 11-5. Fetcher DMA Channel Fetch Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com