Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 238 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 238 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 234Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 235Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 236Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 237Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 238Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 239Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 240Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 241Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 242Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
11-6
Conexant
100723A
11.2.6 BRB Synchronization
The Swath Fetcher and the brb_regs blocks operate at SIUCLK frequencies, while the brb_memif, and the Bit
Packer circuits operate at ihsclk frequencies. The reason for this is to control power consumption and noise, as
the higher SIUCLK frequency is not required for operation of the Bit Packer and the BRB Local SRAM Controller.
Because of these different frequencies, a synchronization block is required to allow these blocks to communicate
in a reliable fashion.
11.3 Register Description
Rotation Control Register
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Rotation Control
Register
(RotCtrl)
01FF8061
Rotate Start
(W)
Rotate
Status (R),
1:busy
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used) Rst. Value
0xxxxxxxb
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Rotation Control
Register
(RotCtrl)
01FF8060
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Packing
Order
0: odd then
even
1: even then
odd
Underrun
0: No
underrun
1: Underrun
occurred.
Packed-byte
status
0: not ready
1: ready
Shuttle
Direction
0: Left to
Right
1: Right to
left
Rst. Value
xxxx0000b
Read Value
00h
Bit 15
To start the bit rotation function, the CPU should write a 1 to this bit
location. Reading this bit location indicates the status of the block
rotation function. 0 = Not busy, 1 = busy. This bit will be set to 0 at the
end of a print swath, and all bit rotation circuits will be reset with the
exception of the BRB registers. If an unrecoverable error condition
occurs within the system, then the BRB block may be reset by creating
a falling edge on the RotateStart bit.
Bit 14-4
Not used
Bit 3
The packing order allows the order of the groups of odd and even bits
to be switched.
Bit 3 = 0 => Odd bit is output first.
Bit 15
x
x
x
x
x
x
x
x
x
x
x
x
x
x
n18
n17
n16
n15
n14
n13
n12
n11
n10
n9
n8
n7
n6
n5
n4
n3
n2
n1
Bit 0
18 nozzles
2nd DMA Ch2 halfword
1st DMA Ch2 halfword
Bit 3 = 1 => Even bit is output first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com