Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 234 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 234 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 230Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 231Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 232Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 233Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 234Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 235Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 236Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 237Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 238Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
11-2
Conexant
100723A
Nozzle Example A
Nozzle Example B
Line 1
Line 3
Line 2
etc...
Figure 11-2. Examples of Nozzle Head Configurations
Because the firmware and Bi-Level Resolution Conversion block work in conjunction to remove all nozzle shift
parameters, the Bit Rotation Block may always view the data in such a way that it views the nozzles as always
being one column of N nozzles, where N corresponds to the number of nozzles on the inkjet head itself. In fact,
the only configuration information that the Bit Rotation block needs to know is the number of nozzles on the inkjet
head, the shuttle direction, the width of the line being printed, and the warp. The figure shows how the Bit
Rotation Block views the swath regardless of the actual physical nozzle configuration.
Line 1
Line 3
Line 2
Line N
N = Number of nozzles in inkjet
head
Figure 11-3. Nozzle Configuration by Bit Rotation Block (Regardless of Physical Nozzle Configuration)
The BRB works in conjunction with 2 DMA channels of the DMA controller. Within the MFC2000, the DMA
channels used are channels 2 and 3. Channel 3 is used to “fetch” data from the external swath buffer that resides
in the system’s image memory, and is referred to as the Swath Fetcher DMA channel from here on. DMA Channel
2 is used to transfer “packed” or rotated image data to the External Print ASIC, and will be referred to as the Bit
Packer DMA channel from here on.
The BRB uses a local memory (in the BRB block) to perform its rotation operation. Words are “fetched into the
local memory, and then bits are picked out of the halfword and then “packed” or shifted into an output register, in
effect, rotating the swath image data by 90 degrees. The internal buffer size within the Bit Rotation Block is 512 x
1 halfword (16 bits). This buffer is further subdivided into two separate 256 x 16 bit “banks” for reasons of system
performance. While one 256 x 16-bit buffer is being operated upon, the other 256x16-bit buffer may be filled by
the Fetcher DMA channel. Because of this, the system only needs to keep up with the print rate, which in the
worst case scenario, is 256 bits every fire cycle if 256 nozzles are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com