Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 240 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 240 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 236Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 237Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 238Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 239Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 240Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 241Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 242Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 243Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 244Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
11-8
Conexant
100723A
Rotation Nozzle Number Register
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Rotation Nozzle
Number Register
(RotNN)
01FF8871
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used) Rst. Value
xxh
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Rotation Nozzle
Number Register
(RotNN)
01FF8870
NN7
NN6
NN5
NN4
NN3
NN2
NN1
NN0
Rst. Value
00h
Read Value
00h
Bits 15-8
Not used
Bits 7-0
This value describes the total number of nozzles on the inkjet head.
The value written into this register is one less than the actual number
of physical nozzles. The total number of nozzles that can be supported
is between 1 and 256.
BRB Warp
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
BRB Warp
Register
(BRBWarp)
01FF8873
(Not Used)
(Not Used)
(Not Used)
(Not Used)
BW11
BW10
BW9
BW8
Rst. Value
xxxx0000b
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
BRB Warp
Register
(BRBWarp)
01FF8872
BW7
BW6
BW5
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used) Rst. Value
000xxxxxb
Read Value
00h
Bits 15-12
Not used
Bits 11-5
These bits are used to define the warp of the swath, or the actual jump
line size. The smallest resolution of the warp is 32 bytes. The value
that is written into this register is the actual value that will be used in
the jump. The warp value can range from 0000h to 0FE0h.
Bits 4-0
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com