Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 244 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 244 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 240Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 241Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 242Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 243Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 244Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 245Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 246Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 247Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 248Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
11-12
Conexant
100723A
Data Buffers Dynamically
Allocated by CPU
Two buffers prepared in
background by CPU
Color 3, Buffer 0, lines 0
to NG
Color 2, Buffer 0
Lines NG-VP+1 to NG
Color 2, Buffer 1
Lines 0 to NG-VP
lines 0 to (2*VP) - 1 are
zero-filled.
Color 1, Buffer 0, lines 0
to NG - (2*VP) .
Color 3, Buffer 1, lines 0
to NG
Color 2, Buffer 1, lines
NG - (VP+1) to NG.
Color 2, Buffer 2, lines 0
to NG-VP.
Color 1, Buffer 0, lines
NG - (2*VP) + 1 to NG.
Color 1, Buffer 1, lines 0
to NG - (2*VP) .
Note: This example shows what
these buffers should look like if
printing swaths 3 and 4 starting
with swath 1.
Note: NG is one less than the
physical number of nozzles in
the color group. VP is the
vertical distance between
nozzle groups
Color1, Buffer 3
Color1, Buffer 2
Color1, Buffer 1
Color1, Buffer 0
Color 2, Buffer 2
Color2, Buffer 1
Color2, Buffer 0
Color3, Buffer 0
Color3, Buffer 1
Note: Each Buffer is NG Lines deep
for
swath 3
for
swath 4
Figure 11-6. CPU Background Print Data Preparation
During black-only printing, the two buffers that are prepared for color printing simply become the two buffers that
are used for the black-only print mode. Each of these buffers will contain as many lines as there are nozzles on
the printhead.
Image Format
The data that is presented to the Bit Rotation Block is always in little-endian format. The data within the system is
in 2 separate formats: big-endian and little-endian. However, if the data in image memory is in big-endian format,
then the SIU will translate that data to a little-endian format during the DMA operation with the endian conversion
bit enabled, to ensure that the Bit Rotation Block only needs to deal with little-endian formatted data. The little
endian format that the Bit Rotation Block expects to see is shown in the following illustration:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com