Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 247 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 247 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 243Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 244Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 245Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 246Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 247Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 248Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 249Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 250Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 251Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
12-1
12. Printer and Scanner Stepper Motor Interface
12.1 Vertical Print Stepper Motor Interface
12.1.1 Vertical Print Stepper Motor Control Description
The stepper motor can be controlled by this block to run at constant speed, increasing speed (acceleration), or
decreasing speed (deceleration).
The control logic is based on a loadable step timer and a step timer register. A pulse and interrupt are generated
when the step timer expires (timed-out) and at the same time, the content of the step timer register is
automatically loaded into the step timer. The pulse is used to change the phase pattern to the next one in the
Motor Pattern Control Sub-block and the interrupt is used to inform CPU to load the new step timer value to the
step timer register if necessary for the step after the next step (See Figure 12-1).
Motor
Pattern
Control
Motor
Timer
STEPCLK
divider
Motor
External
Motor
Driver
The Vertical Printer Motor Control Block
motor
moving
clock
(MMCLK)
stepping
clock
(STEPCLK)
stepping pulse
(STEPPULSE)
vertical print stepping interrupt
(VPSTEPIRQ)
Internal Bus Interface
and VPM Logic Control
MFC2000
Chip
External
Circuit
VPM_PWRCTRL
Figure 12-1. Vertical Printer Motor Control Block Diagram
The printer motor control lines are the four pins PM[3:0]/GPO[3:0]. These pins are selected as printer motor
control lines when bit 0 in the GPIOconfig register is set to 0 (default), and are selected as GPO's when this bit is
set to 1. The printer pattern or GPO data is output on pins PM[3:0]/GPO[3:0] from bits [3:0] (VPMF[3:0]) of the
VPMPattern register.
When selected as GPO's, data written by CPU to the VPMPattern register is immediately output on the GPO pins
and output data are not changed unless CPU writes another new data to the VPMPattern register.
When selected as printer motor control lines, data is not allowed to be written to the VPMPattern register no
matter whether the motor stepping is disabled or enabled.
At the beginning of the motor moving process, CPU needs to write the stepping mode and the stepping direction
to the VPStepCtrl register, the initial vertical print motor pattern to the VPMPattern register, and the 1st step timer
value to the VPStepTimer register (used to define the time interval between enabling stepping and the 1st step).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com