Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 249 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 249 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 245Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 246Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 247Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 248Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 249Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 250Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 251Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 252Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 253Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
12-3
The change sequence of the phase pattern in the Motor Pattern Control Sub-block is as follows: after the CPU
gives the initial phase pattern (any column in the following tables), the phase pattern will automatically change to
the next one after getting the time-out pulse of the timer (the stepping pulse) according to the clockwise (CW) or
counterclockwise (CCW) rotation in the following tables.
Table 12-1. Full Step/Single Phase Excitation
-------------------------
> CW rotation
Step
pattern 1
Step
pattern 2
Step
pattern 3
Step
pattern 4
Step
pattern 1
VPM [0](phase A)
10001
VPM [1](phase B)
01000
VPM [2](phase C)
00100
VPM [3](phase D)
00010
<------------------------ CCW rotation
Table 12-2. Full Step/Two Phase Excitation
-------------------------
> CW rotation
Step
pattern 1
Step
pattern 2
Step
pattern 3
Step
pattern 4
Step
pattern 1
VPM [0](phase A)
10011
VPM [1](phase B)
11001
VPM [2](phase C)
01100
VPM [3](phase D)
00110
<------------------------ CCW rotation
Table 12-3. Half-Step Excitation
-------------------------
> CW rotation
Step
FP1
Step
HP2
Step
FP3
Step
HP4
Step
FP5
Step
HP6
Step
FP7
Step
HP8
VPM [0]
1
0
0
0
0
0
1
1
VPM [1]
1
1
1
0
0
0
0
0
VPM [2]
0
0
1
1
1
0
0
0
VPM [3]
0
0
0
0
1
1
1
0
<------------------------ CCW rotation
Note:
FPx: full step pattern and x: 1-4, HPx: half step pattern and x:1-4
Programmability:
•
The frequency of STEPCLK is programmable (around 1.25 MHz
39 KHz) if the ICLK (internal) frequency is
10 MHz.
•
The step timer value is programmable (around 1us
400ms) if the ICLK (internal) frequency is
10 MHz.
•
The Motor moving direction (clockwise or counterclockwise) and the stepping mode (full step or half step) is
programmable.
•
The motor phase pattern is programmable.
•
Control bits for clearing the stepping interrupt and enabling the stepping logic are included.
•
A control bit for the vertical print motor power on/off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com