Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 253 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 253 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 249Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 250Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 251Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 252Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 253Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 254Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 255Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 256Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 257Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
12-7
The step enable bit in the SStepCtrl register only controls if the motor pattern is allowed to change to the next
one. The motor pattern in the SMPattern register always goes out. CPU has the responsibility to write value ‘00h’
to the SMPattern register or set the bit 5 of the SStepCtrl register to a proper value according to the external
motor power control circuit for not driving the scan motor. Bit 5 value of the SStepCtrl register directly goes out of
the MFC2000 chip through the GPIO[12]/SASCLK/SMPWRCTRL pin.
Caution:
The GPIO[12]/SASCLK/SMPWRCTRL pin can only be used as the
SMPWRCTRL pin when bit 9 of the GPIOConfig1 register is ‘0’ and bit 10 of the GPIOConfig1
register is ‘1’.
The step time interval between two adjacent stepping pulses (for example, t1 and t2) is determined by the timer
value. The min. time difference between two adjacent stepping pulses (It is called the timer resolution, for
example,
∆ t = | t2-t1|.) is determined by the frequency of the stepping clock (See Figure 12-4).
time is controlled by
the step timer
STEPPULSE
(in the speed-up period)
t1
t2
Figure 12-4. Stepping Timing
The change sequence of the phase pattern in the Motor Pattern Control Sub-block is as follows: after the CPU
gives the initial phase pattern (any column in the following tables), the phase pattern will automatically change to
the next one after getting the time-out pulse of the timer (the stepping pulse) according to the clockwise (CW) or
counterclockwise (CCW) rotation in the following tables.
Table 12-4. Full Step/Single Phase Excitation
-------------------------
> CW rotation
Step
pattern 1
Step
pattern 2
Step
pattern 3
Step
pattern 4
Step
pattern 1
SM [0](phase A)
10001
SM [1](phase B)
01000
SM [2](phase C)
00100
SM [3](phase D)
00010
<------------------------ CCW rotation
Table 12-5. Full Step/Two Phase Excitation
-------------------------
> CW rotation
Step
pattern 1
Step
pattern 2
Step
pattern 3
Step
pattern 4
Step
pattern 1
SM [0](phase A)
10011
SM [1](phase B)
11001
SM [2](phase C)
01100
SM [3](phase D)
00110
<------------------------ CCW rotation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com