Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 257 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 257 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 253Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 254Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 255Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 256Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 257Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 258Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 259Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 260Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 261Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
12-11
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Step Delay Timer
Register
(SSDelayTimer)
01FF8055
(Not Used)
(Not Used)
bit 13 of the
delay timer
bit 12 of the
delay timer
bit 11 of the
delay timer
bit 10 of the
delay timer
bit 9 of the
delay timer
bit 8 of the
delay timer
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Step Delay Timer
Register
(SSDelayTimer)
01FF8054
bit 7 of the
delay timer
bit 6 of the
delay timer
bit 5 of the
delay timer
bit 4 of the
delay timer
bit 3 of the
delay timer
bit 2 of the
delay timer
bit 1 of the
delay timer
bit 0 of the
delay timer
Rst. Value
00h
Read Value
00h
•
The delay time interval before stepping = (n+1)/STEPCLK, n (bit[13:0] of the step delay timer): from 0 to
16383
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Current Timer 1
Register
(SSCurTimer1)
01FF804D
(Not Used)
(Not Used)
bit 13 of the
current timer
bit 12 of the
current timer
bit 11 of the
current timer
bit 10 of the
current timer
bit 9 of the
current timer
bit 8 of the
current timer
Rst. Value
xx000000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Current Timer 1
Register
(SSCurTimer1)
01FF804C
bit 7 of the
current timer
bit 6 of the
current timer
bit 5 of the
current timer
bit 4 of the
current timer
bit 3 of the
current timer
bit 2 of the
current timer
bit 1 of the
current timer
bit 0 of the
current timer
Rst. Value
00h
Read Value
00h
•
This register defines when to change the first driving current to the second driving current within one step time
period. The current timer 1 value in this register must be less than the step timer value set in the SStepTimer
register for the same step and greater than 0. Otherwise, the current will not be changed. Once the step timer
counts down to the current timer 1 value, the current control signals changes to I20 and I21 from I10 and I11
in the SStepCtrl register. I10 and I11 are the initial values of the current control signals within a step.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Current Timer 2
Register
(SSCurTimer2)
01FF804F
(Not Used)
(Not Used)
bit 13 of the
current timer
bit 12 of the
current timer
bit 11 of the
current timer
bit 10 of the
current timer
bit 9 of the
current timer
bit 8 of the
current timer
Rst. Value
xx000000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Current Timer 2
Register
(SSCurTimer2)
01FF804E
bit 7 of the
current timer
bit 6 of the
current timer
bit 5 of the
current timer
bit 4 of the
current timer
bit 3 of the
current timer
bit 2 of the
current timer
bit 1 of the
current timer
bit 0 of the
current timer
Rst. Value
00h
Read Value
00h
•
This register defines when to change the second driving current to the third driving current within one step
time period. The current timer 2 value in this register must be less than the current timer 1 value set in the
SSCurTimer1 register for the same step and greater than 0. Otherwise, the current will not be changed. Once
the step timer counts down to the current timer 2 value, the current control signals changes to I30 and I31
from I20 and I21 in the SStepCtrl register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com