Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 255 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 255 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 251Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 252Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 253Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 254Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 255Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 256Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 257Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 258Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 259Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
12-9
12.2.2 Scan Motor Current Control
The current control logic is added to this block. Two current control output signals (SMI[1:0]) are needed to control
4 different current modes. Three different current modes can be used within the time period of one step (See
Figure 12-5). T1 and T2 are programmable in one step period. The current mode in each current period of one
step period is programmable. CPU can load T1 and T2 values and current modes of three current periods within
one step for the next step at the same time when CPU loads the next step timer value by using the scan step
interrupt (SSTEPIRQ). In other words, T1, T2, and current modes are double buffered.
SMI[0] output value is 1 and SMI[1] output value is 1 after reset and when SM[3:0] pins are used as GPO’s. The
default current mode is also programmable when SM[3:0] pins are used as motor control pins and motor stepping
is disabled.
changing step pattern
(stepping to the next step)
one step period
one step period
one step period
different current
modes
different current
modes
different current
modes
T1
T2
T1
T1
T2
T2
Figure 12-5: Current Control Diagram
Two current control signals (SMI1 and SMI0) share same pins with PM[3]/GPO[3] and PM[2]/GPO[2]. There is a
SMI[1:0] output select bit in the SStepCtrl Register to select which signals output on PM[3:2] pins.
12.2.3 Register Description
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Scanner Motor
Pattern Register
(SMPattern)
01FF8057
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Scanner Motor
Pattern Register
(SMPattern)
01FF8056
SMH[3]
SMH[2]
SMH[1]
SMH[0]
SMF[3]
SMF[2]
SMF[1]
SMF[0]
Rst. Value
00h
Read Value
00h
For the full step excitation, the phase pattern SM[3:0] (See Table 12-4 and Table 12-5) needs to be put into
SMF[3:0] of this SMPattern register. Bit[7:4] of this register are ‘don’t care’.
For the half step excitation, two adjacent phase patterns (See Table 12-6) need to be put into the SMPattern
register: SM[3:0] at FP[x] column needs to be put into SMF[3:0] and SM[3:0] at HP[x] column needs to be put into
SMH[7:4]. The current output at PM[3:0] is SMF[3:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com