Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 248 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 248 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 244Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 245Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 246Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 247Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 248Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 249Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 250Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 251Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 252Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
12-2
Conexant
100723A
Caution: The vertical print motor pattern register (VPMPattern register) can only be written
when it is used as the GPO function. In other words, bit 0 of the GPIOConfig register is set to 1.
Then, CPU sets bit 0 of the GPIOConfig register to 0 and enables the vertical print motor stepping. The content
(the 1st step timer value) of the step timer register is automatically loaded into the step timer and at the same time
an interrupt is generated (the step pulse is blocked at this time). CPU writes the 2nd step timer value into the step
timer register in the stepping interrupt routine. When the step timer expires (timed-out), A pulse is generated to
change the phase pattern to the next one (the 1st step) and the content (the 2nd step timer value) of the step
timer register is automatically loaded into the step timer and an interrupt is generated to inform CPU to load the
3rd step timer value to the step timer register.
At the near end of the motor stepping, a pulse is generated to change the phase pattern to the next one (the ‘n-2’
step, n: the last step) and the content of the step timer register (the time interval between the ‘n-2’ and ‘n-1 steps)
is automatically loaded into the step timer and an interrupt is generated to inform CPU to load the last step timer
value to the step timer register when the step timer expires (timed-out). When the step timer expires again (timed-
out), A pulse is generated to change the phase pattern to the next one (the ‘n-1’ step) and the content (the last
step timer value) of the step timer register is automatically loaded into the step timer and an interrupt is generated
to inform CPU to load the large dummy timer value to the step timer register. Finally, a pulse is generated to
change the phase pattern to the next one (the last step) and the content (the large dummy timer value) of the step
timer register is automatically loaded into the step timer and an interrupt is generated to inform CPU to disable the
motor stepping. The step timer is cleared to 0 and the stepping pulse is blocked immediately after CPU disables
the motor stepping.
The step enable bit in the VPStepCtrl register only controls if the motor pattern is allowed to change to the next
one. The motor pattern in the VPMPattern register always goes out. CPU has the responsibility to write value
‘00h’ to the VPMPattern register or set bit 4 of the VPStepCtrl register to a proper value according to the external
power control circuit for not driving the vertical print motor. Bit 4 value of the VPStepCtrl register directly goes out
of the MFC2000 chip through the GPIO[13]/SASTXD/PMPWRCTRL pin.
Caution: The GPIO[13]/SASTXD/PMPWRCTRL pin can only be used as the PMPWRCTRL pin
when bit11 of the GPIOConfig1 register is ‘0’ and bit 12 of the GPIOConfig1 register is ‘1’.
The time interval between two adjacent stepping pulses (for example, t1 and t2) is determined by the timer value.
The min. time difference between two adjacent stepping pulses (It is called the timer resolution, for example,
∆ t =
| t2-t1|.) is determined by the frequency of the stepping clock (See Figure 12-2).
time is controlled by
the step timer
STEPPULSE
(in the speed-up period)
t1
t2
Figure 12-2. Stepping Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com