Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 243 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 243 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 239Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 240Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 241Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 242Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 243Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 244Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 245Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 246Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 247Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
11-11
11.4.2 Swath Loader Requirements (Software Issues)
Due to the fact that the color nozzles are staggered as well as the fact that there is a physical separation VP of
the color groups themselves, there are very special requirements imposed on the swath loader. In a situation
where the mode is black only, then a minimum of two block buffers within image memory are required. This is due
to the fact that while one block buffer is being printed, the other buffer may be simultaneously filled by the image
loader.
Color mode is quite different from black-only print mode. In color mode, three separate colors are used: yellow,
magenta, and cyan. The order of these colors may differ from one printhead to another. This is why the colors
have been assigned simply as “Color1”, “Color2”, and “Color3” in Figure 11-1. On the first print swath of a page,
Color3 is printed. On the next print block, Color3, and NG-VP + 1 nozzles of Color2 are printed. On the third pass,
Color3, Color2, and NG-(2*VP) + 1 nozzles of Color1 are fired. In looking at this pattern, we see that two buffers
are required to deal with printing Color3 (one block history required), three buffers are required in printing Color2
(two block history required), and four buffers are required in printing Color1 (three block history required).
Peerless PCL has a limitation that the color blocks that comprise the image data cannot be easily split up in order
to take into account the VP parameter. The color data must be contiguous within the blocks. Due to this fact
(along with the fact that the CPU may need to perform some preprocessing of the image prior to printing), the
color buffers that are provided for use by the Bit Rotation Block are prepared by the CPU in the background. The
figure shows the typical preparation of these buffers in the background by the CPU.
Note:
Before scanning starts, the two prepared color buffers must be zero-filled by the CPU for
reasons of top-of-page boundary conditions. If, at the end of the printed page, there are fewer
lines than the number in the prepared buffers, then the remainder of the prepared buffers must
be zero-filled to account for bottom-of-page boundary conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com