Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 239 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 239 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 235Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 236Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 237Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 238Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 239Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 240Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 241Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 242Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 243Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
11-7
Bit 15
x
x
x
x
x
x
x
x
x
x
x
x
x
x
n17
n18
n15
n16
n13
n14
n11
n12
n9
n10
n7
n8
n5
n6
n3
n4
n1
n2
Bit 0
18 nozzles
2nd DMA Ch2 halfword
1st DMA Ch2 halfword
Bit2
This bit indicates whether a print underrun condition has occurred.
Basically, an underrun condition exists if the system is not able to
keep up with the print rate.
Bit 1
Once a halfword has been packed and is ready for output to DMA
channel 2, a 1 will be indicated in this bit of the register. This bit
directly reflects the state of the output signal brb_ch2rdy, and is
intended only for status purposes. Once the data has been read, the
bit is cleared automatically. The bit is also reset by creating a falling
edge on the RotateStart bit.
Bit 0
This bit is written by the CPU and indicates which direction the print
head is moving as viewed when looking at the print on the page.
0 = left to right shuttle motion
1 = right to left shuttle motion
Rotation Line Length Register
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Rotation Line
Length Register
(RotLineLength)
01FF8875
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
LL10
LL9
LL8
Rst. Value
xxxxx000b
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Rotation Line
Length Register
(RotLineLength)
01FF8874
LL7
LL6
LL5
LL4
LL3
LL2
LL1
LL0
Rst. Value
00h
Read Value
00h
Bits 15-11
Not used
Bits 10-0
The value in this field indicates the length in bytes of the actual
printable data. The value programmed into this register is one less
than the actual value in bytes. The printable data in a swath can be
between 1 and 2048 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com