Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 316 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 316 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 312Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 313Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 314Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 315Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 316Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 317Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 318Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 319Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 320Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
16-18
Conexant
100723A
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBEP5StDat4
(R)
$01FF85E3
EP5 Setup Packet Data 4
th byte
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBEP5StDat3
(R)
$01FF85E2
EP5 Setup Packet Data 3
rd byte
Rst. Value
00h
Read Value
00h
Bits 15-8:
4
th data byte of the setup packet for EP5
Bits 7:0:
3
rd data byte of the setup packet for EP5
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBEP5StDat6
(R)
$01FF85E5
EP5 Setup Packet Data 6
th byte
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBEP5StDat5
(R)
$01FF85E4
EP5 Setup Packet Data 5
th byte
Rst. Value
00h
Read Value
00h
Bits 15-8:
6
th data byte of the setup packet for EP5
Bits 7:0:
5
th data byte of the setup packet for EP5
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBEP5StDat8
(R)
$01FF85E7
EP5 Setup Packet Data 8
th byte
Rst. Value
00h
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBEP5StDat7
(R)
$01FF85E6
EP5 Setup Packet Data 7
th byte
Rst. Value
00h
Read Value
00h
Bits 15-8:
8
th data byte of the setup packet for EP5
Bits 7:0:
7
th data byte of the setup packet for EP5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com