Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 318 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 318 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 314Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 315Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 316Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 317Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 318Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 319Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 320Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 321Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 322Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
16-20
Conexant
100723A
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBClrIRQ
(R/W)
$01FF85EB
unused
Clear EP4
Interrupt
Clear EP2
Interrupt
Clear USB
Reset
Interrupt
EP5 Write
Buffer Read
EP5 Read
Buffer
Written
EP0 Write
Buffer Read
EP0 Read
Buffer
Written
Rst. Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBClrIRQ
(R/W)
$01FF85EA
Clear
Suspend
Interrupt
Resume
Device
Clear EP5
Write
Interrupt
Clear EP5
Read
Interrupt
Clear EP5
Setup
Interrupt
Clear EP0
Write
Interrupt
Clear EP0
Read
Interrupt
Clear EP0
Setup
Interrupt
Rst. Value
00h
Bit 15:
Unused
Bit 14:
Set this bit to “1” to clear the endpoint 4 interrupt.
Bit 13:
Set this bit to “1” to clear the endpoint 2 interrupt.
Bit 12:
Set this bit to “1” to clear the usb reset interrupt.
Bit 11:
Set this bit to “1” to indicate that the endpoint 5 buffer is empty.
Bit 10:
Set this bit to “1” to indicate that the endpoint 5 buffer is full.
Bit 9:
Set this bit to “1” to indicate that the endpoint 0 buffer is empty.
Bit 8
Set this bit to “1” to indicate that the endpoint 0 buffer is full.
Bit 7:
Set this bit to “1” to clear the suspend interrupt.
Bit 6:
Set this bit to “1” to perform device remote wake-up.
Bit 5:
Set this bit to “1” to clear endpoint 5 write interrupt.
Bit 4:
Set this bit to “1” to clear endpoint 5 read interrupt.
Bit 3:
Set this bit to “1” to clear endpoint 5 setup interrupt.
Bit 2:
Set this bit to “1” to clear endpoint 0 write interrupt.
Bit 1:
Set this bit to “1” to clear endpoint 0 read interrupt.
Bit 0:
Set this bit to “1” to clear endpoint 0 setup interrupt.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBSofReset
(W)
$01FF85ED
Unused
Rst. Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBSofReset
(W)
$01FF85EC
Unused
Software
Reset
Rst. Value
01h
Bit 15:1:
Not used
Bit 0:
Set this bit to “1” reset usb interface block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com