Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 317 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 317 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 313Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 314Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 315Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 316Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 317Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 318Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 319Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 320Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 321Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
16-19
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
USBIRQ (R)
$01FF85E9
Ep4
Interrupt
Ep2 Interrupt Suspend
status
EP5 Write
Ack
EP5 Read
Ack
EP0 Write
Ack
EP0 Read
Ack
USB Reset
Interrupt
Rst. Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
USBIRQ (R)
$01FF85E8
Suspend
Interrupt
DMA
Interrupt
EP5 Write
Interrupt
EP5 Read
Interrupt
EP5 Setup
Interrupt
EP0 Write
Interrupt
EP0 Read
Interrupt
EP0 Setup
Interrupt
Rst. Value
00h
Bit 15:
This bit indicates that an odd packet is received at endpoint 4.
Bit 14:
This bit indicates that an odd packet is received at endpoint 2.
Bit 13:
When it is “1”, it indicates that the device is in suspend mode. If the
PC does a global wake up, this bit will be reset to “0”. The firmware
can reset this bit to ”0” by performing a device remote wakeup (setting
the resume bit to be “1” in USBClrIRQ register).
Bit 12:
This bit indicates that if the control write on endpoint 5 is successful.
“1” – Ack. “0” – Nack.
Bit 11:
This bit indicates that if the control read on endpoint 5 is successful.
“1” – Ack. “0” – Nack.
Bit 10:
This bit indicates that if the control write on endpoint 0 is successful.
“1” – Ack. “0” – Nack.
Bit 9:
This bit indicates that if the control read on endpoint 0 is successful.
“1” – Ack. “0” – Nack.
Bit 8:
This bit indicates that a USB reset is detected on the bus.
Bit 7:
This bit indicates a suspend is detected on the bus.
Bit 6:
This bit indicates the DMA has reached its block size.
Bit 5:
This bit indicates that the endpoint 5 data buffer is full.
Bit 4:
This bit indicates that the data in endpoint 5 buffer has been send.
Bit 3:
This bit indicates that a set up packet has been send to endpoint 5
and the endpoint 5 setup data buffer is full.
Bit 2:
This bit indicates that the endpoint 0 data buffer is full.
Bit 1:
This bit indicates that the data in endpoint 0 buffer has been send.
Bit 0:
This bit indicates that a set up packet has been send to endpoint 5
and the endpoint 5 setup data buffer is full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com