Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 322 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 322 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 318Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 319Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 320Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 321Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 322Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 323Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 324Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 325Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 326Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
16-24
Conexant
100723A
If the PC has read all the data in the memory blocks successfully, an interrupt will be generated. ARM can read
the USBIRQ register to determine that it is DMA channel 0 interrupt. By reading DMA 0 configuration register can
determine it is a logic channel 0 or 2 interrupt. Then ARM can repeat step 3 and 4 to set more memory blocks.
1.1.516.3.5 BULK_OUT Transfer
The MaxPacketSize for both bulk in pipes are 64 bytes. DMA channel 0 is assigned to USB and it has four logic
channels. Endpoint 2 and 4, which are bulk out endpoints, are assigned to logic channel 1 and 3. The procedures
of programming the registers are:
1.
Enable DMA channel 0 by writing 1 to bit[0] of DMA 0 configuration register.
2.
Enable logic channel 1 or 3 and set logic channel 1 or 3 to be write mode by setting the corresbonding bits in
DMA 0 configuration register.
3.
Set memory address in DMAUSB1CntLo and DMAUSB1CntHi or DMAUSB3CntLo and DMAUSB3CntHi.
4.
Define block size in DMAUSB1BlkSiz or DMAUSB3BlkSiz.
5.
If more than one memory block is needed, repeat step 3 and 4 to set desired memory blocks.
6.
Set endpoint 2 or 4 control register.
If the PC has write to all the memory blocks successfully, an interrupt will be generated. ARM can read the
USBIRQ register to determine that it is DMA channel 0 interrupt. By reading DMA 0 configuration register can
determine it is a logic channel 1 or 3 interrupt. Then ARM can repeat step 3 and 4 to set more memory blocks.
If the PC send an odd byte count packet in the middle of a bulkout transaction, an interrupt will be generated to
indicate that an single byte has been send to the memory location.
1.1.616.3.6 USB Suspend and Device Remote Wake-up
The MFC2000 supports device remote wake-up. If the UDC core detected the USB bus being idle for 3 ms, it will
generated a suspend signal and an interrupt will be generated. ARM can determine that it is a suspend interrupt
by reading the usb interrupt register then clear the interrupt by setting the clear_suspend_int bit in the clear
interrupt register. The suspend status bit will remain high until the PC performs a global wake up or the ARM
performs a device remote wake up. The ARM performs a device remote wake up by setting the resume_device bit
in the endpoint status register to be “1”.
1.1.716.3.7 USB Reset
An interrupt will be generated if a USB reset is detected on the USB bus. ARM can determine that it is a
usb_reset_interrupt by reading the usb interrupt register then clear the interrupt by setting the clear_usb_reset_int
bit in the clear interrupt register.
1.1.816.3.8 Software Reset
The ARM can reset the UDC core and related logic by setting the bit 0 in USBSofReset register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com