Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 324 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 324 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 320Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 321Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 322Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 323Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 324Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 325Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 326Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 327Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 328Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
17-2
Conexant
100723A
17.1.5 ECP Forward
Extended Capabilities Port (ECP) Mode provides an asynchronous, byte-wide, bi-directional channel. The data
can be received by DMA mode or CPU mode as described in the Compatibility Mode section. The ECP protocol
provides the Data and command cycles types in both forward and reverse directions. The MODE = 2 and 3 for the
forward mode with RLE . When MODE is set to 2, ECP mode hardware handshaking is enabled during forward
data transfers, without RLE support. When mode 2 is programmed, the PPI responds to a high to low transition on
STROBEn (HostClk), and automatically sets and clears the BUSY bit in the Parallel Port Interface Register and
the BUSY to handshake with the host.. MODE may be reprogrammed at any time, but if an ECP cycle is currently
in progress, it completes as normal.
17.1.6 ECP Reverse
After a successful Forward to Reverse phase switch, the ECP changes into the reverse phase in MODE = 6.
When the 1284 interface is idle, this is the desired mode of operation. This mode will allow the MFC2000 ASIC to
inform the host of incoming fax data. The ECP Reverse mode can operate under CPU interrupt driven control or
automated DMA control. In CPU control, the software writes the outgoing byte into the output buffer and then sets
ACKn low to send the data. After the host completes the data transfer, the ACKn is automatically set high and the
CPU is free to respond to any PPI interrupts that have been enabled or to initiate an additional data transfer if
needed. The handshake signals are INITn, PE, ACKn, AUTOFDn and BUSY.
17.1.7 The Non-standard Dribble Mode
The dribble mode was used for the slower PC before P1284 is standardized. Dribble mode is similar to ECP in
that the channel can be reversed without having to go through a negotiation phase to turn the channel around. It
sends two bits at a time on the nPeriphRequest and XFlag signals rather than using the PIO data bus. In this
respect, it is similar to nibble mode's data transfer phase in that it uses HostBusy and PtrClk to transfer each
portion of the data byte. The dribble mode can only operate under CPU interrupt-driven control (no DMA mode).
Note: This is not an IEEE-1284 mode but is useful to support certain product interfaces created
prior to the IEEE-1284 specification.
17.2 Additional Features
17.2.1 Filter
A digital filter is provided for incoming host control and data signals. SLCTINn, STROBEn, AUTOFDn, and INITn
are provided with digital filter circuits which are collectively controlled by software. IF DFIL =0, then no digital
filtering is selected.
Note that synchronization plus digital filtering adds up to four CLK periods of delay before a level change at one of
the host inputs appears in the Parallel Port Control Register, and five periods of delay before an output responds
to an input (e.g., before BUSY responds to STROBEn).
Likewise, synchronization and digital filtering of STROBEn affect the point at which ippid[7-0] and AUTOFDn are
latched into the parallel Port Data Register. Without a DFIL=3, ippid[7-0] and AUTOFDn are sampled an the fourth
rising edge of CLK after STROBEn is sampled. With digital filtering, ippid7-0 and AUTOFDn are sampled on the
fifth rising edge of CLK after STROBEn is sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com