Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 325 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 325 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 321Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 322Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 323Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 324Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 325Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 326Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 327Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 328Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 329Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
17-3
17.3 Functional Description
The PPI contains an interface controller, which consists of: a data receive and transmit latch, run-length encoding
decompression logic, input conditioning logic, and edge detector logic. The RLE decompression is accomplished
through a state machine and additional control logic. There is input conditioning logic to filter the incoming control
signals. The peripheral interface block supports four IEEE 1284 communication modes: compatibility, nibble, byte,
and enhanced capabilities port (ECP) mode. The interface with the DMA controller requires storing data into 8 bit
bytes before transferring to the four half word FIFO for burst operation. There will be a counter within the FIFO
that keeps track of the bytes transferred to the FIFO. There is a control bit allowing FIFO flush to be done. If
firmware detects the end of transfer to the PPI, it can flush the FIFO by forcing the flush bit. The timing of the F/W
flush is based on a fixed time from the last DMA access and the FIFO not empty status and there will be a busy
status bit set by F/W to stop further transmission from the host. The DMA or the interrupt operations are enabled
under the control of the F/W. The PPI has fifteen sources of interrupt that can each be individually enabled or
disabled and they are all ORed together to generate one PPI IRQ interrupt for the CPU.
DATA RECEIVE
LATCH
SLCTINn
STROBEn
AUTOFDn
INITn
STATE MACHINE
sinb
CONTROL
REGISTERS
DATA TRANSMIT
LATCH
FAULTn
SLCTOUTn
PE
ACKn
BUSY
ippid(7:0)
FPPD(7:0)
RPPD(7:0)
oppid(7:0)
strb
afdb
inib
DIGITAL FILTER
DMA FIFOs
IP_BUS
Fack
Rreq
Rack
IP_BUS
DMAREQ
DMARWN
DMAACK
DMA_TC
Freq
Figure 17-1. Parallel Port Interface Controller Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com