Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 329 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 329 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 325Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 326Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 327Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 328Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 329Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 330Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 331Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 332Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 333Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
17-7
NACK
ACKn
This status bit indicates the level driven on the ACKn output pin. This
bit is the FACK bit NOR’ed with the ACKn output from the PPI state
machine. Since FACK is cleared on reset, this bit will appear set on
reset. This is read-only status bit.
NSIN
SLCTINn
This status bit indicates the level read on the SLCTINn* input pin after
synchronization and optional digital filtering. This is a read-only status
bit.
NSTR
Strobe*
This status bit indicates the level read on the STROBE* input pin after
synchronization and optional digital filtering. This is a read-only status
bit.
NAFD
AUTOFDn
This status bit indicates the level read on the AUTOFDn input pin after
synchronization and optional digital filtering. This is a read-only status
bit.
NINI
INITn
This status bit indicates the level read on the INITn input after
synchronization and optional digital filtering. This is a read-only status
bit.
SNFL
FAULTn Status
This status bit indicates the level read on the FAULTn output pin. This
is a read-only status bit.
SSEL
SLCTOUT Status
This status bit indicated the level read on the SLCTOUT output pin.
This is a read-only status bit.
SPER
Paper Error Status
This status bit indicated the level read on the PE output pin. This is a
read-only status bit.
FRDA
Force Reverse Data Available
This bit controls the RDA status during Nibble Mode and Byte Mode
when DMA is not used.
Parallel Port Data Register
The parallel Port Data Register is a 9-bit read/write register that is used to control the parallel port data bus.
Reading this register provides the latched logic levels at PD7-0 and AUTOFDn pin. Data is latched on every high
to low transition of STROBEn (HostClk), when PDOE is clear in the Parallel Port Control Register. If PDOE is set,
the Parallel Port Data Register is frozen, and unaffected by the transitions on STROBEn. Reading this register
clears the FULL bit, and clears the PDMA request. This register should not be read while the PDMA channel is
enabled.
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Parallel Port Data
Reg.
(PIOData)
$01FF8205
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
NCMD
Rst. Value
xxxxxxx0b
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Parallel Port
Data Reg.
(PIOData)
$01FF8204
DATA(7)
DATA(6)
DATA(5)
DATA(4)
DATA(3)
DATA(2)
DATA(1)
DATA(0)
Rst. Value
00h
Read Value
00h
DATA
Data
This field is an 8-bit read/write field. When used, DATA provides the
latched logic levels on PD7-0 when STROBEn (HostCLk) last
transmitted from high to low with PDOE clear. When written, the DATA
value defines the logic levels to be driven by the QP1700 when PD7-0
is enabled by the PDOE bit. The most significant bit of the DATA field
corresponds to PD7 and the least significant bit to PD0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com