Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 326 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 326 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 322Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 323Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 324Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 325Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 326Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 327Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 328Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 329Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 330Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
17-4
Conexant
100723A
17.4 Register Description
Parallel Port Control Register
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default
Parallel Port Control
Reg.
(PIOCtrl)
$01FF8201
(Not Used)
(Not Used)
TRIZN
PPIRSTN
MODE
MODE
RFULL
(R)
FFULL
(R)
Rst. Value
xx000000b
Read Value
00h
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Parallel Port
Control Reg.
(PIOCtrl)
$01FF8200
RLD
(R)
ABRT
PDOE
(R)
ERRC
MODE
MODE
DFIL
DFIL
Rst. Value
00h
Read Value
00h
DFIL
Digital Filter
This 2 bit field controls the number of clocks of digital filtering to be
applied on the four host control signal inputs, SLCTINn, STROBEn,
AUTOFDn, and INITn. From 0 to 3 clocks of digital filtering may be
selected.
MODE
Mode
This 4 bit field(bits 11,10,3,2) selects and enables a hardware
handshaking mode for forward data transfers.
MODE
Direction
Function
0
Disable
1
Fwd
Compatibility mode
2
Fwd
ECP-fwd without RLE mode
3
Fwd
ECP-fwd with RLE mode
4
Rev
Nibble mode
5
Rev
Byte mode
6
Rev
ECP-rev mode
7
Rev
Dribble mode
8-15
Reserved
Error Cycles
This bit is used to execute an error cycle when in compatibility mode
(mode 1). When set, ERRC immediately forces the BUSY pin high. If
ERRC is set when a compatibility mode handshake sequence is in
process, the BUSY remains high beyond the end of the cycle. ERRC
does not affect an ACKn pulse that is already active, but does prevent
an ACKn pulse if it is about to be generated. While ERRC is set,
software may set or clear SEL, PERR, and NFLT in the Parallel Port
Interface Register. When ERRC is cleared, the PPI generated an
ACKn pulse and tries to lower BUSY to conclude the error cycle. If,
however, FBSY is set, BUSY remains high until FBSY is cleared.
When MODE is set to any value except 1, setting ERRC has no effect.
Setting MODE to 1 when ERRC is already set causes the handshake
controller to immediately begin an error cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com