Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 327 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 327 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 323Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 324Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 325Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 326Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 327Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 328Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 329Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 330Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 331Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
17-5
PDOE
Parallel Data Output Enable
This bit performs two functions. It controls the state of the PD bus
three-state output drives, and it qualifies the latching of data from the
PD bus into the Parallel Port Data Register. When set, PDOE enables
the PD bus output pin drivers, and prevents data from being latched
into the Parallel Port Register.
Setting ABRT affects the operation of PDOE. IF ABRT is set,
SLCTINn (1284ACTIVE) must remain high to allow PDOE to be set or
remain set. If ABRT is set and SLCTINn (1284Active) goes low, PDOE
is cleared, and setting PDOE has no effect.
ABRT
Abort
This causes the PPI to use SLCTINn (1284Active) to detect when the
host suddenly aborts a reverse transfer and returns to compatibility
mode. If ABRT is set, a low level on SLCTINn (1284 Active) causes
PDOE to be cleared and the PD bus output drivers to be three-stated.
In fact, if ABRT is set and SLCTINn (1284Active) is low, setting PDOE
has no effect. This protection logic, as all internal logic, operates from
a synchronized and optionally digitally filtered SLCTINn (1284Active)
that is latched into the parallel Port Interface Register.
RLD
Run Length Decompression
This is a read-only status bit which indicates when run-length
decompression is taking place during ECP forward data transfers.
RLD is set when a run-length count is received and loaded into the
internal counter, and cleared when the last read of the Parallel Port
Data Register takes place. This bit can only be set when ECP with
RLE (mode 3) is enabled. If MODE is reprogrammed during a
decompression, decompression continues and RLD remains set until
the operation is completed. RLD is cleared when RST is issued.
FFULL
Forward Data Register Full
This is a read-only status bit that indicates when parallel port data
from the host is latched in the Parallel Port Data Register. FFULL is
cleared when the Parallel Port Data Register is read. When
handshaking and DMA is enabled, FFULL sets and clears as data is
latched and read during forward data transfers. FFULL is also cleared
when RST is issued.
RFULL
Reverse Data Register Full
This is a read-only status bits indicates when parallel port data to the
host is latched in the Parallel Port Data Register. RFULL is cleared
when the Parallel Port Data Register is sent. When handshaking and
DMA is enabled, RFULL sets and clears as data is latched and sent
during reverse data transfers. RFULL is also cleared when RST is
issued.
PPIRSTN Parallel port software reset
Active low resets all the state machines and is programmable using
this register bit. During the normal operation this bit needs to be set to
allow the state machine to start.
TRIZN
Tri-state output enable
Active low to enable tri-state input during the forward(PC to printer)
transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com